Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APG2C1-1020 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # APG2C1-1020
Description  IR High Power single chip LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-1020 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  APG2C1-1020 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-1020 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-1020 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
13.08.2012
APG2C1-1020
3 / 3
Soldering Conditions
Reflow Soldering:
APG2C1 LEDs have a maximum storage temperature of 85°. Therefor it is not possible to use
a reflow soldering process for array assembly!
Hot Bar Soldering:
A Hot Bar Soldering process is recommended when soldering APG2C1 emitters. This process
will only transfer heat to the leads and avoids overheating the emitter which will damage the
device. In order to transfer sufficient heat from the hot bar to the device, following parameters
must be carefully considered:
Amount of flux
Pressing force of solder tip
Hot bar temperature
For the standard assembly process, following parameters should be maintained:
Hot Bar temperature: 330 °C
Force of Hot Bar. 40 N
Soldering time: 1.5 s
It is recommended to use a copper nickel-plated hot bar mounted to standard temperature
controlled soldering equipment.
Manual Hand Soldering:
For prototype build or small series production runs, it is possible to place and solder the
emitters by hand. It is therefore recommended to maintain the following parameters:
Solder Tip Temperature 330 °C
Soldering time. < 1.5 s
Junction temperature must be kept below 70 °C
A visual inspection may be used to check the quality of the solder joint
General Soldering Precautions:
Mechanical stress, shock and vibration must be avoided during soldering
Only use non corrosive flux.
Do not apply current to the device until it has cooled down to room temperature after
soldering.


Similar Part No. - APG2C1-1020

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-1030 ROITHNER-APG2C1-1030 Datasheet
336Kb / 3P
   IR High Power single chip LED
APG2C1-1050 ROITHNER-APG2C1-1050 Datasheet
313Kb / 3P
   IR High Power single chip LED
More results

Similar Description - APG2C1-1020

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-780 ROITHNER-APG2C1-780 Datasheet
317Kb / 4P
   IR High Power single chip LED
H2A1-H760 ROITHNER-H2A1-H760 Datasheet
248Kb / 4P
   IR High Power single chip LED
APG2C1-720 ROITHNER-APG2C1-720 Datasheet
317Kb / 3P
   IR High Power single chip LED
APG2C1-1050 ROITHNER-APG2C1-1050 Datasheet
313Kb / 3P
   IR High Power single chip LED
H2A1-H650 ROITHNER-H2A1-H650 Datasheet
264Kb / 4P
   IR High Power single chip LED
H2A1-H740 ROITHNER-H2A1-H740 Datasheet
274Kb / 4P
   IR High Power single chip LED
APG2C1-1030 ROITHNER-APG2C1-1030 Datasheet
336Kb / 3P
   IR High Power single chip LED
H2A1-H670 ROITHNER-H2A1-H670 Datasheet
275Kb / 4P
   IR High Power single chip LED
H2A1-H780 ROITHNER-H2A1-H780 Datasheet
254Kb / 4P
   IR High Power single chip LED
H2A1-H1050 ROITHNER-H2A1-H1050 Datasheet
252Kb / 4P
   IR High Power single chip LED
APG2C1-760 ROITHNER-APG2C1-760 Datasheet
311Kb / 4P
   IR High Power single chip LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com