Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APG2C1-760 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # APG2C1-760
Description  IR High Power single chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-760 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  APG2C1-760 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-760 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-760 Datasheet HTML 3Page - Roithner LaserTechnik GmbH APG2C1-760 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
13.08.2012
APG2C1-760
3 / 4
Radiation Pattern (lambertian lens without optics)
Relative Intensity vs. Angular Displacement
Accessories
Collimating optics, holders, reflectors
10158 + 10146, 2° half angle spot optic + optic holder*
10048 + 10076, 4° half angle spot optic + optic holder*
10003 + 10043, 6° half angle spot optic + optic holder*
10003/15 + 10043, 15° half angle spot optic + optic holder*
10003/25 + 10043, 25° half angle spot optic + optic holder*
CLP17CR, 6° metalized polycarbonate reflector
CLP23CR, 20° metalized polycarbonate reflector
* optic holder can not be directly attached to APG2C1 LEDs


Similar Part No. - APG2C1-760

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-720 ROITHNER-APG2C1-720 Datasheet
317Kb / 3P
   IR High Power single chip LED
APG2C1-740 ROITHNER-APG2C1-740 Datasheet
337Kb / 4P
   IR High Power single chip LED
APG2C1-780 ROITHNER-APG2C1-780 Datasheet
317Kb / 4P
   IR High Power single chip LED
More results

Similar Description - APG2C1-760

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-780 ROITHNER-APG2C1-780 Datasheet
317Kb / 4P
   IR High Power single chip LED
H2A1-H760 ROITHNER-H2A1-H760 Datasheet
248Kb / 4P
   IR High Power single chip LED
APG2C1-720 ROITHNER-APG2C1-720 Datasheet
317Kb / 3P
   IR High Power single chip LED
APG2C1-1050 ROITHNER-APG2C1-1050 Datasheet
313Kb / 3P
   IR High Power single chip LED
H2A1-H650 ROITHNER-H2A1-H650 Datasheet
264Kb / 4P
   IR High Power single chip LED
H2A1-H740 ROITHNER-H2A1-H740 Datasheet
274Kb / 4P
   IR High Power single chip LED
APG2C1-1030 ROITHNER-APG2C1-1030 Datasheet
336Kb / 3P
   IR High Power single chip LED
H2A1-H670 ROITHNER-H2A1-H670 Datasheet
275Kb / 4P
   IR High Power single chip LED
H2A1-H780 ROITHNER-H2A1-H780 Datasheet
254Kb / 4P
   IR High Power single chip LED
H2A1-H1050 ROITHNER-H2A1-H1050 Datasheet
252Kb / 4P
   IR High Power single chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com