Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLR5-06 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLR5-06
Description  SURFACE MOUNT SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLR5-06 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLR5-06 Datasheet HTML 1Page - Central Semiconductor Corp CTLR5-06 Datasheet HTML 2Page - Central Semiconductor Corp CTLR5-06 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
600
V
DC Blocking Voltage
VR
600
V
RMS Reverse Voltage
VR(RMS)
420
V
Average Forward Current
IO
5.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
150
A
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=600V
0.03
5.0
μA
IR
VR=600V, TA=125°C
9.0
50
μA
BVR
IR=100μA
600
V
VF
IF=5.0A
0.94
1.0
V
CJ
VR=0, f=1.0MHz
104
125
pF
CTLR5-06
SURFACE MOUNT SILICON
RECTIFIER
5.0 AMP, 600 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLR5-06 is a high
voltage rectifier packaged in the low profile TLM364
case. The CTLR5-06 offers high current density in a
package that is ideal for space constrained industrial,
consumer, medical and power supply applications.
MARKING: FULL PART NUMBER
APPLICATIONS:
• Input rectification
• Reverse polarity protection
• Voltage clamping
• Voltage multipliers
FEATURES:
• Low profile package
• Glass passivated die for high reliability
• High peak forward surge current (IFSM)
• Low forward voltage drop (VF)
TLM364 CASE
R2 (8-September 2014)
www.centr a lsemi.com


Similar Part No. - CTLR5-06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTL-12S SANKEN-CTL-12S Datasheet
634Kb / 5P
   Ultra Fast Recovery Diode
CTL-21S SANKEN-CTL-21S Datasheet
634Kb / 5P
   Ultra Fast Recovery Diode
CTL-22S SANKEN-CTL-22S Datasheet
634Kb / 5P
   Ultra Fast Recovery Diode
logo
List of Unclassifed Man...
CTL-24 ETC-CTL-24 Datasheet
19Kb / 1P
   C. T. LIGHT
logo
Sanken electric
CTL-31S SANKEN-CTL-31S Datasheet
634Kb / 5P
   Ultra Fast Recovery Diode
More results

Similar Description - CTLR5-06

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
S3A CHONGQING-S3A Datasheet
45Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
M1 WINNERJOIN-M1 Datasheet
140Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S2A CHONGQING-S2A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512 DACO-EM512 Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
EM512A DACO-EM512A Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
2A1 RECTRON-2A1 Datasheet
541Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
SA1V RECTRON-SA1V Datasheet
136Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
05A1 RECTRON-05A1 Datasheet
55Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S1A CHONGQING-S1A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com