Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRSH1-10 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CRSH1-10
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CRSH1-10 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CRSH1-10 Datasheet HTML 1Page - Central Semiconductor Corp CRSH1-10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CRSH1 SERIES
SCHOTTKY RECTIFIER
CRSH1 SERIES RATING AND CHARACTERISTIC CURVES
R1
Mechanical Drawing: DO-41
A
D
D
B
C
Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TL, Lead Temperature (°C)
Single Phase Half Wave
60Hz Resistive or Inductive
Load 0.375" 9.5mm Lead Lengths
Typical Forward Voltage
0.1
1
10
00.5
11.5
VF, Forward Voltage (V)
CRSH1-20,30,40
CRSH1-50,60
CRSH1-80,100
TJ = 25°C
Pulse Width = 300µs
1% Duty Cycle
MIN
MAX
MIN
MAX
A
0.028
0.034
0.71
0.86
B
0.160
0.205
4.06
5.21
C
0.080
0.107
2.03
2.72
D
1.000
-
25.40
-
DO-41 (REV: R1)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn