Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRSH3-4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CRSH3-4
Description  SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CRSH3-4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CRSH3-4 Datasheet HTML 1Page - Central Semiconductor Corp CRSH3-4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CRSH3 SERIES
SILICON SCHOTTKY RECTIFIER
3 AMP, 20 THRU 100 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CRSH3 series
types are 3.0 amp glass passivated silicon Schottky
rectifiers mounted in an axial-lead epoxy case using
a metal-to-silicon junction to yield low forward voltage
drops and instantaneous reverse recovery time.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CRSH3
SYMBOL
-2
-3
-4
-5
-6
-8
-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
DC Blocking Voltage
VR
20
30
40
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
V
Average Forward Current
IO
3.0
A
Peak Forward Surge Current (tp=8.3ms)
IFSM
80
A
Operating Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.5
mA
IR
VR=Rated VRRM, TA=100°C
30
mA
VF
IF=3.0A (20V, 30V, 40V)
0.55
V
VF
IF=3.0A (50V, 60V)
0.75
V
VF
IF=3.0A (80V, 100V)
0.85
V
CJ
VR=4.0V, f=1.0MHz
250
pF
DO-201AD CASE
R2 (18-June 2012)
www.centr a lsemi.com


Similar Part No. - CRSH3-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CRSH3-4 CENTRAL-CRSH3-4 Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 3.0 AMPS, 20 THRU 60 VOLTS
More results

Similar Description - CRSH3-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322S CENTRAL-CTLSH1-40M322S Datasheet
585Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM7110-M832D CENTRAL-CTLM7110-M832D_15 Datasheet
603Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMHSH5-4 CENTRAL-CMHSH5-4_15 Datasheet
371Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833S CENTRAL-CTLSH3-30M833S_15 Datasheet
600Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-3 CENTRAL-CMIDSH1-3_15 Datasheet
486Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_15 Datasheet
504Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM8110-M832D CENTRAL-CTLM8110-M832D_15 Datasheet
602Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-4 CENTRAL-CMIDSH1-4 Datasheet
474Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMSH2-20L CENTRAL-CMSH2-20L_15 Datasheet
360Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833 CENTRAL-CTLSH3-30M833_15 Datasheet
668Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com