Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR5F-060 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CR5F-060
Description  GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CR5F-060 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CR5F-060 Datasheet HTML 1Page - Central Semiconductor Corp CR5F-060 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CR5F-010 SERIES
SILICON
GLASS PASSIVATED JUNCTION
FAST RECOVERY RECTIFIER
5.0 AMP, 100 THRU 1000 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CR5F-010 series
types are axial lead silicon rectifiers designed for DC
power supply and inverter applications where fast
recovery times are needed.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CR5F
SYMBOL
-010
-020
-040
-060
-080
-100
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
800
1000
V
DC Blocking Voltage
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Forward Current (TA=55°C)
IO
5.0
A
Peak Forward Surge Current
IFSM
125
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
5.0
μA
IR
VR=Rated VRRM, TA=100°C
100
μA
VF
IF=5.0A
1.3
V
trr
IF=0.5A, IR=1.0A, Irr=0.25A (100V, 200V, 400V)
150
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (600V)
250
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (800V, 1000V)
500
ns
DO-201AD CASE
R3 (8-May 2013)
www.centr a lsemi.com


Similar Part No. - CR5F-060

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CR5F-010 CENTRAL-CR5F-010 Datasheet
118Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER 5.0 AMP, 100 THRU 1000 VOLTS
More results

Similar Description - CR5F-060

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4937G LRC-1N4937G_15 Datasheet
173Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifier
logo
EIC discrete Semiconduc...
SMR1A EIC-SMR1A Datasheet
76Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP02-12H ZOWIE-RGP02-12H Datasheet
64Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jing Heng Electro...
US2A JINGHENG-US2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRA FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
WRGP10AH ZOWIE-WRGP10AH Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP15A TAYCHIPST-RGP15A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
PG4933 PANJIT-PG4933_09 Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com