Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1968 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1968_15 Datasheet HTML 20Page - Linear Technology LTC1968_15 Datasheet HTML 21Page - Linear Technology LTC1968_15 Datasheet HTML 22Page - Linear Technology LTC1968_15 Datasheet HTML 23Page - Linear Technology LTC1968_15 Datasheet HTML 24Page - Linear Technology LTC1968_15 Datasheet HTML 25Page - Linear Technology LTC1968_15 Datasheet HTML 26Page - Linear Technology LTC1968_15 Datasheet HTML 27Page - Linear Technology LTC1968_15 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LTC1968
1968f
PACKAGE DESCRIPTIO
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIO S
±2.5V Supplies, Single Ended, DC-Coupled
RMS-to-DC Converter with Shutdown
RMS Noise Measurement
V+
2.5V
–2.5V
–2.5V
LTC1968
IN1
DC OUTPUT
CAVE
10µF
0.1µF
X7R
IN2
1968 TA04
VOUT
DC + AC
INPUT
(1VPEAK)
OUT RTN
GND
EN
OFF
≥2V
≤–2V
ON
V+
2.5V
–2.5V
2.5V
–2.5V
LTC1968
IN1
CAVE
10µF
0.1µF
1.5µF
IN2
1968 TA05
VOUT
VOLTAGE
NOISE IN
OUT RTN
GND
EN
1mVDC
1µVRMS OF INPUT NOISE
VOUT =
+
1k
100Ω
100Ω
100k
BW ≈ 1kHz TO 100kHz
INPUT SENSITIVITY = 1µVRMS TYP
1/2
LTC6203
MSOP (MS8) 0204
0.53 ± 0.152
(.021 ± .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.127 ± 0.076
(.005 ± .003)
0.86
(.034)
REF
0.65
(.0256)
BSC
0° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.90 ± 0.152
(.193 ± .006)
8
7 6 5
3.00 ± 0.102
(.118 ± .004)
(NOTE 3)
3.00 ± 0.102
(.118 ± .004)
(NOTE 4)
0.52
(.0205)
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889 ± 0.127
(.035 ± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42 ± 0.038
(.0165 ± .0015)
TYP
0.65
(.0256)
BSC


Similar Part No. - LTC1968_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1968CMS8 LINER-LTC1968CMS8 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968IMS8 LINER-LTC1968IMS8 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
More results

Similar Description - LTC1968_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
logo
Linear Integrated Syste...
LTC1967 LINEAR-LTC1967 Datasheet
323Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
logo
Linear Technology
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
   Precision Micropower, SIGMA RMS-to-DC Converter
logo
Analog Devices
AD637JRZ AD-AD637JRZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637 AD-AD637_15 Datasheet
808Kb / 21P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com