Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1871 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1871_15 Datasheet HTML 4Page - Linear Technology LTC1871_15 Datasheet HTML 5Page - Linear Technology LTC1871_15 Datasheet HTML 6Page - Linear Technology LTC1871_15 Datasheet HTML 7Page - Linear Technology LTC1871_15 Datasheet HTML 8Page - Linear Technology LTC1871_15 Datasheet HTML 9Page - Linear Technology LTC1871_15 Datasheet HTML 10Page - Linear Technology LTC1871_15 Datasheet HTML 11Page - Linear Technology LTC1871_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC1871
8
1871fe
BLOCK DIAGRAM
+
1.230V
85mV
OV
50k
EA
UV
TO
START-UP
CONTROL
BURST
COMPARATOR
S
R
Q
LOGIC
PWM LATCH
CURRENT
COMPARATOR
0.30V
1.230V
5.2V
2.00V
1.230V
SLOPE
1.230V
ILOOP
FB
ITH
gm
3
MODE/SYNC
5
FREQ
4
2
INTVCC
8
LDO
V-TO-I
OSC
V-TO-I
SLOPE
COMPENSATION
BIAS AND
START-UP
CONTROL
VIN
BIAS
VREF
IOSC
RLOOP
+
+
C1
SENSE
10
GND
1871 BD
6
GATE
INTVCC
GND
7
VIN
1.248V
9
RUN
C2
1
0.6V
Main Control Loop
The LTC1871 is a constant frequency, current mode con-
troller for DC/DC boost, SEPIC and flyback converter ap-
plications. The LTC1871 is distinguished from conventional
current mode controllers because the current control loop
can be closed by sensing the voltage drop across the power
MOSFET switch instead of across a discrete sense resistor,
as shown in Figure 2. This sensing technique improves
efficiency, increases power density, and reduces the cost
of the overall solution.
For circuit operation, please refer to the Block Diagram of
the IC and Figure 1. In normal operation, the power MOSFET
is turned on when the oscillator sets the PWM latch and
is turned off when the current comparator C1 resets the
latch. The divided-down output voltage is compared to an
internal 1.230V reference by the error amplifier EA, which
outputs an error signal at the ITH pin. The voltage on the
ITH pin sets the current comparator C1 input threshold.
When the load current increases, a fall in the FB voltage
relative to the reference voltage causes the ITH pin to rise,
which causes the current comparator C1 to trip at a higher
peak inductor current value. The average inductor current
will therefore rise until it equals the load current, thereby
maintaining output regulation.
OPERATION


Similar Part No. - LTC1871_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Analog Devices
LTC1871-1 AD-LTC1871-1 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
More results

Similar Description - LTC1871_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
   High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com