Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM105N Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part No. STM105N
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM105N Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM105N Datasheet HTML 1Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 2Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 3Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 4Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 5Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 6Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 7Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STM105N
Ver 1.0
www.samhop.com.tw
Jul,30,2013
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
0.1
1
10
100
10
1
0.1
90
75
60
45
30
15
0
10
0
125 C
75 C
25 C
20.0
10.0
1.0
0
0.25
0.50
0.75
1.00
1.25
5.0
25 C
75 C
Ciss
Coss
Crss
4800
4000
3200
2400
1600
800
0
10
15
20
25
30
0
5
ID=3A
10
8
6
4
2
0
VDS=50V
ID=3A
110
100
1
10
100
1000
0.01
TD(on)
8
6
4
2
0
6
12
24
18
48
42
36
30
100
TD(off )
125 C
Tr
VDS=50V,ID=1A
VGS=10V
100
ms
1ms
100u
s
DC
1s
VGS=10V
Single Pulse
TA=25 C
10
us
Tf
R D
S (
ON
) Li
mi
t


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn