Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM105N Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part No. STM105N
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM105N Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM105N Datasheet HTML 1Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 2Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 3Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 4Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 5Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 6Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 7Page - SamHop Microelectronics Corp. STM105N Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STM105N
Symbol
VDS
VGS
IDM
EAS
50
W
A
PD
°C
2.5
-55 to 150
ID
Units
Parameter
100
6
30
°C/W
V
V
±20
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
169
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
100V
6A
31 @ VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
N-Channel Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
A
Sigle Pulse Avalanche Energy d
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
www.samhop.com.tw
Jul,30,2013
1
Details are subject to change without notice.
SO-8
1
a
TA=25°C
TA=70°C
A
W
4.8
TA=70°C1.6
Green
Product
Ver 1.0
e


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn