Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3434 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3434
Description  High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3434 Datasheet(HTML) 4 Page - Linear Technology

  LT3434_15 Datasheet HTML 1Page - Linear Technology LT3434_15 Datasheet HTML 2Page - Linear Technology LT3434_15 Datasheet HTML 3Page - Linear Technology LT3434_15 Datasheet HTML 4Page - Linear Technology LT3434_15 Datasheet HTML 5Page - Linear Technology LT3434_15 Datasheet HTML 6Page - Linear Technology LT3434_15 Datasheet HTML 7Page - Linear Technology LT3434_15 Datasheet HTML 8Page - Linear Technology LT3434_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3434
4
3434fb
TYPICAL PERFOR A CE CHARACTERISTICS
FB Voltage
Oscillator Frequency
SHDN Threshold
SHDN Pin Current
Shutdown Supply Current
Sleep Mode Supply Current
Bias Sleep Current
1.20
1.21
1.23
1.24
1.25
1.30
1.27
1.22
1.28
1.29
1.26
TEMPERATURE (
°C)
–50
0
50
75
3434 G01
–25
25
100
125
TEMPERATURE (
°C)
–50
150
160
180
190
200
250
220
0
50
75
3434 G02
170
230
240
210
–25
25
100
125
1.35
3434 G03
1.20
1.10
1.05
1.00
1.40
1.30
1.25
0.15
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
125
SHDN VOLTAGE (V)
0
0
1.5
2.5
3.5
10
20
30
40
3434 G04
50
4.5
5.5
1.0
2.0
3.0
4.0
5.0
60
TJ = 25°C
3434 G05
20
10
5
0
25
15
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
125
VIN = 60V
VIN = 42V
VIN = 12V
3434 G06
160
80
40
0
200
120
140
60
20
180
100
VBIAS = 0V
VBIAS = 5V
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
125
3434 G07
160
80
40
0
200
120
140
60
20
180
100
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
125
PGFB Threshold
3434 G08
1.16
1.08
1.04
1.00
1.20
1.12
1.14
1.06
1.02
1.18
1.10
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
125
PG Sink Current
3434 G09
200
100
50
0
250
150
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
125


Similar Part No. - LT3434_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3434EFE LINER-LT3434EFE Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434IFE LINER-LT3434IFE Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results

Similar Description - LT3434_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com