Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPC6800-21 Datasheet(PDF) 1 Page - Marktech Corporate

Part # OPC6800-21
Description  LED Chip Visible
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

OPC6800-21 Datasheet(HTML) 1 Page - Marktech Corporate

  OPC6800-21_15 Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
LED Chip Visible
Electrical & Optical Characteristics (Ta = 25ºC)
201
4-04-04
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All
operating parameters must be validated for each customer application by the customer.
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Forward Voltage
Vf
If=350mA
--
1.95
2.20
V
Forward Voltage
Vf
If=100mA
--
1.8
1.95
V
Radiation
Type
Electrodes
Red
N (cathode) up
Reverse
Current
Ir
Vr=5V
--
--
100
μA
Switching Time
tr, tf
If=100mA
--
50/35
--
ns
Spectral Bandwidth at 50%
λ0.5
If=100mA
--
23
--
nm
Product No:
OPC6
800-21
Peak Wavelength
λp
If=100mA
670
680
690
nm
Radiant Power
Φe
If=50mA
3.0
4.0
--
mW
Absolute Maximum Ratings (Ta = 25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward DC Current
If
350
mA


Similar Part No. - OPC6800-21_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
OPC6800-21 MARKTECH-OPC6800-21 Datasheet
1Mb / 1P
   LED Chip Visible
More results

Similar Description - OPC6800-21_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
OPC6700-21 MARKTECH-OPC6700-21_15 Datasheet
799Kb / 1P
   LED Chip Visible
OPC6300-21 MARKTECH-OPC6300-21 Datasheet
629Kb / 1P
   LED Chip Visible
OPC6300-21 MARKTECH-OPC6300-21_15 Datasheet
629Kb / 1P
   LED Chip Visible
OPC6900-21 MARKTECH-OPC6900-21 Datasheet
1Mb / 1P
   LED Chip Visible
OPC6900-21 MARKTECH-OPC6900-21_15 Datasheet
1Mb / 1P
   LED Chip Visible
OPC6700-21 MARKTECH-OPC6700-21 Datasheet
799Kb / 1P
   LED Chip Visible
OPC6800-21 MARKTECH-OPC6800-21 Datasheet
1Mb / 1P
   LED Chip Visible
OPC7000-32 MARKTECH-OPC7000-32_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6600-28B MARKTECH-OPC6600-28B_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6700-28A MARKTECH-OPC6700-28A Datasheet
1Mb / 1P
   Visible Red LED Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com