Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1432 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1432
Description  5V High Efficiency Step-Down Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1432_15 Datasheet HTML 7Page - Linear Technology LT1432_15 Datasheet HTML 8Page - Linear Technology LT1432_15 Datasheet HTML 9Page - Linear Technology LT1432_15 Datasheet HTML 10Page - Linear Technology LT1432_15 Datasheet HTML 11Page - Linear Technology LT1432_15 Datasheet HTML 12Page - Linear Technology LT1432_15 Datasheet HTML 13Page - Linear Technology LT1432_15 Datasheet HTML 14Page - Linear Technology LT1432_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LT1432
S
APPLICATI
I FOR ATIO
50mV/DIV
1A/DIV
0
0
0.5A/DIV
0.2A RMS. Theoretically the output capacitor size would
be minimized by using one which just met this ripple
current, but in practice, this would yield such high output
ripple voltage that an additional output filter would have to
be added. A better solution in the case of buck converters
is usually just to increase the size of the output capacitor
to meet output ripple voltage requirements.
Figure 8 shows output ripple voltage at the top and switch
current below. Peak-to-peak ripple voltage is 80mV. This
implies an output capacitor effective series resistance
(ESR) of 80mV/0.7A = 0.11
Ω. Capacitor ESR varies sig-
nificantly with temperature, increasing at low tempera-
tures, so be sure to check ESR ratings at the lowest
expected operating temperature. Ripple voltage can be
reduced by increasing the inductor value, but this has
rapidly diminishing returns because of typical size re-
straints.
Figure 9 shows diode current under normal load condi-
tions of 2A, and with the output shorted. Current limit has
been set at 3A. Average diode current at IOUT = 2A is only
about 1A because of duty cycle considerations. Under
short circuit conditions, duty cycle is nearly 100% for the
diode (switch duty cycle is near zero), and diode average
current is nearly 3A. Designs which must tolerate continu-
ous short circuit conditions should be checked carefully
for diode heating. Foldback current limiting can be used if
necessary.
Figure 10 shows inductor current (0.5A/DIV) with a 2A and
100mA load. Average inductor current is always equal to
output current, but it is obvious that with 100mA load,
inductor current drops to zero for part of the switching
cycle, indicating dicontinuous mode. When selecting an
inductor, keep in mind that RMS current determines
copper losses, peak-to-peak current determines core loss,
and peak current must be calculated to avoid core satura-
tion. Also, remember that during short circuit conditions,
inductor current will increase to the full current limit value.
Inductor failure is normally caused by overheating of the
winding insulation with resultant turn-to-turn shorts.
Foldback current limiting will be helpful.
0
1A/DIV
1A/DIV
0
Figure 8. Output Ripple Current
5
µs/DIV
Figure 9. Diode Current
5
µs/DIV
5
µs/DIV
Figure 10. Inductor Current


Similar Part No. - LT1432_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432CN8 LINER-LT1432CN8 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432CN8-3.3 LINER-LT1432CN8-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
More results

Similar Description - LT1432_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com