Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT688B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT688B
Description  SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT688B Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT688B_15 Datasheet HTML 1Page - Diodes Incorporated FZT688B_15 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT223 NPN SILICON PLANAR MEDIUM
POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* Extremely low equivalent on resistance; RCE(sat) 83mΩ at 3A
* Gain of 400 at IC=3 Amps and very low saturation voltage
APPLICATIONS
* Flash gun convertors & Battery powered circuits
PARTMARKING DETAIL –
FZT688B
COMPLEMENTARY TYPE -
FZT788B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
12
V
Collector-Emitter Voltage
VCEO
12
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
10
A
Continuous Collector Current
IC
4A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Breakdown Voltages
V(BR)CBO 12
V
IC=100µA
V(BR)CEO 12
V
IC=10mA*
V(BR)EBO 5V
IE=100µA
Collector Cut-Off Current
ICBO
0.1
µ
A
VCB=10V
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.04
0.06
0.18
0.35
0.40
V
V
V
V
V
IC=0.1A, IB=1mA
IC=0.1A,IB=0.5mA*
IC=1A, IB=50mA*
IC=3A, IB=20mA*
IC=4A, IB=50mA*
Base-Emitter SaturationVoltage
VBE(sat)
1.1
V
IC=3A, IB=20mA*
Base-Emitter Turn-On Voltage
VBE(on)
1.0
V
IC=3A, VCE=2V
Static Forward Current Transfer
Ratio
hFE
500
400
100
IC=0.1A, VCE=2V*
IC=3A, VCE=2V*
IC=10A, VCE=2V*
Transition Frequency
fT
150
MHz IC=50mA,VCE=5V
f=50MHz
Input Capacitance
Cibo
200
pF
VEB=0.5Vf=1MHz
Output Capacitance
Cobo
40
pF
VCB=10V,f=1MHz
Switching Times
ton
toff
40
500
ns
ns
IC=500mA, IB1=50A
IB2=50mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT688B
FZT688B
C
C
E
B
3 - 218
3 - 217
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
VCE=2V
VCE=2V
1.5K
1K
500
-55°C
+25°C
+100°C
+175°C
IC/IB=100
Tamb=25°C
IC/IB=10
IC/IB=200
IC/IB=100
IC/IB=100
-55°C
+25°C
+100°C
+175°C
0
0
+
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10V
100V
1s
DC
100ms
10ms
100µs
1ms
1V
0.01
0.1V
10


Similar Part No. - FZT688B_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZT688BTA ETC2-FZT688BTA Datasheet
109Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results

Similar Description - FZT688B_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT694B DIODES-FZT694B_15 Datasheet
111Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1047A DIODES-FZT1047A_15 Datasheet
131Kb / 4P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT696B DIODES-FZT696B Datasheet
110Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1053A DIODES-FZT1053A Datasheet
73Kb / 4P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT692B DIODES-FZT692B Datasheet
104Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Fairchild Semiconductor
FZT689BTA FAIRCHILD-FZT689BTA Datasheet
115Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT696BTA ETC2-FZT696BTA Datasheet
110Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT688BTA ETC2-FZT688BTA Datasheet
109Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT788BTA DIODES-FZT788BTA Datasheet
93Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT788ATA ZETEX-FZT788ATA Datasheet
87Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com