Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT491A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT491A
Description  40V NPN MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT491A Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT491A_15 Datasheet HTML 1Page - Diodes Incorporated FZT491A_15 Datasheet HTML 2Page - Diodes Incorporated FZT491A_15 Datasheet HTML 3Page - Diodes Incorporated FZT491A_15 Datasheet HTML 4Page - Diodes Incorporated FZT491A_15 Datasheet HTML 5Page - Diodes Incorporated FZT491A_15 Datasheet HTML 6Page - Diodes Incorporated FZT491A_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT491A
Document number: DS33136 Rev. 4 - 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT491A
A Product Line of
Diodes Incorporated
40V NPN MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > 40V
IC = 1A High Continuous Current
ICM = 2A Peak Pulse Current
Low Saturation Voltage VCE(sat) < 500mV @ 1A
Complementary PNP Type: FZT591A
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Applications
Power MOSFET Gate Driving
Low Loss Power Switching
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT491ATA
AEC-Q101
FZT491A
7
12
1,000
FZT491AQTA
Automotive
FZT491A
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT 491A = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week code (01~53)
FZT
491A
SOT223


Similar Part No. - FZT491A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT491ATA DIODES-FZT491ATA Datasheet
212Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT491A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT1051ATA DIODES-FZT1051ATA Datasheet
901Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1051 DIODES-FZT1051_15 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT591A DIODES-FZT591A_15 Datasheet
520Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT790A DIODES-FZT790A_15 Datasheet
606Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com