Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT6520 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT6520
Description  350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT6520 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT6520_15 Datasheet HTML 1Page - Diodes Incorporated FMMT6520_15 Datasheet HTML 2Page - Diodes Incorporated FMMT6520_15 Datasheet HTML 3Page - Diodes Incorporated FMMT6520_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FMMT6520
Document Number: DS33123 Rev. 3 - 2
4 of 4
www.diodes.com
August 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT6520
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR
PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other
changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising
out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under
its patent or trademark rights, nor the rights of others.
Any Customer or user of this document or products described herein in such
applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are
represented on Diodes Incorporated website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales
channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall
indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising
out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and
markings noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the
express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A.
Life support devices or systems are devices or systems which:
1.
are intended to implant into the body, or
2.
support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in
the labeling can be reasonably expected to result in significant injury to the user.
B.
A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause
the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems,
and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their
products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices-
or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes
Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life
support devices or systems.
Copyright © 2011, Diodes Incorporated
www.diodes.com


Similar Part No. - FMMT6520_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
   350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
More results

Similar Description - FMMT6520_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
   350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT549 DIODES-FMMT549_15 Datasheet
225Kb / 5P
   30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT549TA DIODES-FMMT549TA Datasheet
225Kb / 5P
   30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
   150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
logo
Zetex Semiconductors
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA93 ZETEX-FMMTA93 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92_15 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
FMMTA92TA ZETEX-FMMTA92TA Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520 Datasheet
60Kb / 1P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com