Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L70S300 Datasheet(PDF) 2 Page - Littelfuse

Part # L70S300
Description  Semiconductor Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L70S300 Datasheet(HTML) 2 Page - Littelfuse

  L70S300 Datasheet HTML 1Page - Littelfuse L70S300 Datasheet HTML 2Page - Littelfuse L70S300 Datasheet HTML 3Page - Littelfuse L70S300 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
81
‡ KLC series fuses are recommended for replacement use only.
Semiconductor Fuses
150/250/500/600/700 VAC s Very Fast-Acting s 1 – 1000 Amperes
Series & Voltage
L15S
L25S
L50S
L60S
KLC‡
L70S
150V AC
250V AC
150V DC (1 – 60A)
250V DC (1 – 200A)
500V AC
600V AC
600V AC
700V AC
100V DC (70 – 1000A) 200V DC (225 – 800A)
450V DC
650V DC
1
L15S 1
L25S 1
L60S 1
KLC 1
2
L15S 2
L25S 2
L60S 2
KLC 2
3
L15S 3
L25S 3
L60S 3
KLC 3
4
L15S 4
L25S 4
L60S 4
KLC 4
5
L15S 5
L25S 5
L60S 5
KLC 5
6
L15S 6
L25S 6
L60S 6
KLC 6
7
L15S 7
KLC 7
8
L15S 8
L25S 8
L60S 8
KLC 8
9
L15S 9
10
L15S 10
L25S 10
L50S 10
L60S 10
KLC 10
L70S 10
12
L15S 12
L25S 12
L50S 12
L60S 12
KLC 12
15
L15S 15
L25S 15
L50S 15
L60S 15
KLC 15
L70S 15
1712
L60S 1712
KLC 1712
20
L15S 20
L25S 20
L50S 20
L60S 20
KLC 20
L70S 20
25
L15S 25
L25S 25
L50S 25
L60S 25
KLC 25
L70S 25
30
L15S 30
L25S 30
L50S 30
L60S 30
KLC 30
L70S 30
35
L15S 35
L25S 35
L50S 35
L60S 35
KLC 35
L70S 35
40
L15S 40
L25S 40
L50S 40
L60S 40
KLC 40
L70S 40
45
L15S 45
L25S 45
L60S 45
KLC 45
50
L15S 50
L25S 50
L50S 50
L60S 50
KLC 50
L70S 50
60
L15S 60
L25S 60
L50S 60
L60S 60
KLC 60
L70S 60
70
L15S 70
L25S 70
L50S 70
L60S 70
KLC 70
L70S 70
80
L15S 80
L25S 80
L50S 80
L60S 80
KLC 80
L70S 80
90
L15S 90
L25S 90
L50S 90
L60S 90
KLC 90
L70S 90
100
L15S 100
L25S 100
L50S 100
L60S 100
KLC 100
L70S 100
110
KLC 110
125
L15S 125
L25S 125
L50S 125
L60S 125
KLC 125
L70S 125
150
L15S 150
L25S 150
L50S 150
L60S 150
KLC 150
L70S 150
175
L25S 175
L50S 175
L60S 175
KLC 175
L70S 175
200
L15S 200
L25S 200
L50S 200
L60S 200
KLC 200
L70S 200
225
L25S 225
L50S 225
L60S 225
KLC 225
L70S 225
250
L15S 250
L25S 250
L50S 250
L60S 250
KLC 250
L70S 250
275
L25S 275
L50S 275
300
L15S 300
L25S 300
L50S 300
L60S 300
KLC 300
L70S 300
350
L15S 350
L25S 350
L50S 350
L60S 350
KLC 350
L70S 350
400
L15S 400
L25S 400
L50S 400
L60S 400
KLC 400
L70S 400
450
L15S 450
L25S 450
L50S 450
L60S 450
KLC 450
L70S 450
500
L15S 500
L25S 500
L50S 500
L60S 500
KLC 500
L70S 500
550
L50S 550
600
L15S 600
L25S 600
L50S 600
L60S 600
KLC 600
L70S 600
700
L25S 700
L50S 700
L60S 700
KLC 700
L70S 700
800
L15S 800
L25S 800
L50S 800
L60S 800
KLC 800
L70S 800
900
1000
L15S 1000
Ampere
Ratings
RATING TABLE


Similar Part No. - L70S300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L70S300.V LITTELFUSE-L70S300.V Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
More results

Similar Description - L70S300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
logo
List of Unclassifed Man...
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com