Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR107 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR107
Description  1A FAST RECOVERY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR107 Datasheet(HTML) 1 Page - Leshan Radio Company

  FR107 Datasheet HTML 1Page - Leshan Radio Company FR107 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
16A–1/2
1A
1A FAST RECOVERY DIODES
FR101
FR102
FR103
FR104
FR105
FR105P
FR106
FR107
FR107P
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
Maximum
Reverse
Recovery Time
1.0
Trr
I F = 0.5A, I R = 1.0A, I RR = 0.25A
Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
50
100
200
400
600
600
800
1000
1000
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
Trr
ns
FR101– FR107
75
30
5.0
1.0
1.3
150
150
150
150
250
150
500
500
250
DO – 41
DO – 41
.107(2.7)
DIA
.080(2.0)
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN


Similar Part No. - FR107

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR107 SURGE-FR107 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Formosa MS
FR107 FORMOSA-FR107 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
RFE international
FR107 RFE-FR107 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
GOOD-ARK Electronics
FR107 GOOD-ARK-FR107 Datasheet
194Kb / 3P
   FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR107 CHENDA-FR107 Datasheet
630Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FR107

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1F1 LRC-1F1 Datasheet
51Kb / 2P
   1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
   1A FAST RECOVERY DIODES
1N4933 LRC-1N4933 Datasheet
56Kb / 2P
   1A FAST RECOVERY DIODES
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
   1A FAST RECOVERY DIODES
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
   1A FAST RECOVERY SMA DIODES
EFM101 LRC-EFM101 Datasheet
57Kb / 2P
   1A FAST RECOVERY SMA DIODES
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com