Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMUD2836 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMUD2836
Description  HIGH SPEED SILICON SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUD2836 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMUD2836 Datasheet HTML 1Page - Central Semiconductor Corp CMUD2836 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMUD2836
CMUD2838
SURFACE MOUNT
DUAL, HIGH SPEED
SILICON SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMUD2836
and CMUD2838 types are ultra-high speed silicon
switching diodes manufactured by the epitaxial planar
process, in an epoxy molded ULTRAmini™ surface
mount package, designed for high speed switching
applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
75
V
Average Forward Current
IO
200
mA
Peak Forward Current
IFM
300
mA
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
100
nA
BVR
IR=100μA
75
V
VF
IF=10mA
1.0
V
VF
IF=50mA
1.0
V
VF
IF=100mA
1.2
V
CT
VR=0, f=1.0MHz
1.5
4.0
pF
trr
IR=IF=10mA, Irr=1.0mA, RL=100Ω
4.0
ns
The following configurations are available:
CMUD2836 DUAL, COMMON ANODE
MARKING CODE: 2CA
CMUD2838 DUAL, COMMON CATHODE
MARKING CODE: 6CA
SOT-523 CASE
R5 (9-February 2010)
www.centra lsemi.com


Similar Part No. - CMUD2836

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUD2836 CENTRAL-CMUD2836 Datasheet
110Kb / 2P
   ULTRAmini. SURFACE MOUNT DUAL HIGH SPEED SWITCHING SILICON DIODE
CMUD2836 CENTRAL-CMUD2836 Datasheet
480Kb / 2P
   SURFACE MOUNT DUAL, HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_10 Datasheet
480Kb / 2P
   SURFACE MOUNT DUAL, HIGH SPEED SILICON SWITCHING DIODES
More results

Similar Description - CMUD2836

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODES
CLL4148 CDIL-CLL4148 Datasheet
165Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODES
logo
Central Semiconductor C...
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES
logo
TRANSYS Electronics Lim...
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
LL4148 CDIL-LL4148 Datasheet
141Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODES
logo
Central Semiconductor C...
CMKD7000 CENTRAL-CMKD7000_15 Datasheet
500Kb / 2P
   ULTRA-HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
BAV99 CDIL-BAV99 Datasheet
497Kb / 5P
   SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Central Semiconductor C...
CMKD7000E CENTRAL-CMKD7000E_15 Datasheet
529Kb / 2P
   ULTRA-HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com