Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D78054GC013 Datasheet(PDF) 4 Page - NEC

Part # D78054GC013
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D78054GC013 Datasheet(HTML) 4 Page - NEC

  D78054GC013 Datasheet HTML 1Page - NEC D78054GC013 Datasheet HTML 2Page - NEC D78054GC013 Datasheet HTML 3Page - NEC D78054GC013 Datasheet HTML 4Page - NEC D78054GC013 Datasheet HTML 5Page - NEC D78054GC013 Datasheet HTML 6Page - NEC D78054GC013 Datasheet HTML 7Page - NEC D78054GC013 Datasheet HTML 8Page - NEC D78054GC013 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
4
µPD78001B(A), 78002B(A)
OVERVIEW OF FUNCTION
Item
ROM
Internal high-
speed RAM
8K bytes
16K bytes
64K bytes
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
On-chip instruction execution time cycle modification function
0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs (at 10.0 MHz operation)
122
µs (at 32.768 kHz operation)
• 16-bit operation
• Bit manipulation (set, reset, test, boolean operation)
• BCD correction, etc.
Total
: 53
• CMOS input
: 02
• CMOS I/O
: 47
• N-channel open-drain I/O
(15 V withstand voltage)
: 04
• 3-wire/SBI/2-wire mode selectable
• 8-bit timer/event counter
: 2 channels
• Watch timer
: 1 channel
• Watchdog timer
: 1 channel
2
39.1 kHz, 78.1 kHz, 156 kHz, 313 kHz, 625 kHz, 1.25 MHz (at main system clock 10.0 MHz operation),
32.768 kHz (at subsystem clock 32.768 kHz operation)
2.4 kHz, 4.9 kHz, 9.8 kHz (at main system clock 10.0 MHz operation)
Internal : 5
External : 4
Internal : 1
Internal : 1
Internal : 1
External : 1
VDD = 2.7 to 6.0 V
–40 to +85
°C
• 64-pin plastic shrink DIP (750 mil)
• 64-pin plastic QFP (s
s14 mm)
256 bytes
384 bytes
When main system
clock selected
When subsystem
clock selected
Maskable
interrupts
Non-maskable
interrupt
Software
interrupt
Product Name
µPD78001B(A)
µPD78002B(A)
Internal
memory
Memory space
General registers
Instruction cycle
Instruction set
I/O ports
Serial interface
Timer
Timer output
Clock output
Buzzer output
Vectored
interrupts
Test input
Operating voltage range
Operating ambient
temperature range
Package


Similar Part No. - D78054GC013

ManufacturerPart #DatasheetDescription
logo
NEC
D780016YGF022 NEC-D780016YGF022 Datasheet
214Kb / 42P
   8-BIT SINGLE-CHIP MICROCONTROLLER
D780206GF NEC-D780206GF Datasheet
2Mb / 418P
   8-Bit Single-Chip Microcontrollers
D780226GF NEC-D780226GF Datasheet
1Mb / 47P
   MOS INTERGRATED CIRCUIT
D780232 NEC-D780232 Datasheet
345Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
D78040 SANYO-D78040 Datasheet
336Kb / 4P
   LA78040 TV and CRT Display Vertical Output IC with Bus Control Support
More results

Similar Description - D78054GC013

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com