Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPD7000E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD7000E
Description  SILICON SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD7000E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD7000E_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPD7000E_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPD7000E
ENHANCED SPECIFICATION
SURFACE MOUNT
DUAL, IN SERIES
SILICON SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPD7000E is
an Enhanced version of the CMPD7000 Dual, Series
Configuration, Ultra-High Speed Switching Diode. This
device is manufactured by the epitaxial planar process,
in an epoxy molded surface mount SOT-23 package,
designed for high speed switching applications.
MARKING CODE: C5CE
FEATURED ENHANCED SPECIFICATIONS:
BVR from 100V min to 120V min.
VF from 1.1V max to 1.0V max.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
120
V
Average Forward Current
IO
200
mA
Peak Forward Current
IFM
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
300
nA
IR
VR=50V, TA=125°C
100
μA
IR
VR=100V
500
nA
BVR
IR=100µA
120
150
V
VF
IF=1.0mA
0.55
0.59
0.65
V
VF
IF=10mA
0.67
0.72
0.77
V
VF
IF=100mA
0.85
0.91
1.0
V
CT
VR=0, f=1.0MHz
1.5
2.6
pF
trr
IR=IF=10mA, RL=100Ω, Rec. to 1.0mA
2.0
4.0
ns
♦ Enhanced Specification
SOT-23 CASE
R4 (27-January 2010)
www.centra lsemi.com


Similar Part No. - CMPD7000E_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD7000E CENTRAL-CMPD7000E_10 Datasheet
470Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
More results

Similar Description - CMPD7000E_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS79A INFINEON-BAS79A Datasheet
33Kb / 3P
   Silicon Switching Diodes
Aug-20-2001
BAW78 INFINEON-BAW78 Datasheet
441Kb / 4P
   Silicon Switching Diodes
Feb-03-2003
logo
Central Semiconductor C...
CMUD7000 CENTRAL-CMUD7000_15 Datasheet
414Kb / 2P
   SILICON SWITCHING DIODES
CMPD7000 CENTRAL-CMPD7000_15 Datasheet
395Kb / 2P
   SILICON SWITCHING DIODES
logo
NEC
1S2837 NEC-1S2837 Datasheet
246Kb / 4P
   SILICON SWITCHING DIODES
1SS303 NEC-1SS303 Datasheet
56Kb / 4P
   SILICON SWITCHING DIODES
1SS304 NEC-1SS304 Datasheet
55Kb / 4P
   SILICON SWITCHING DIODES
logo
Infineon Technologies A...
BAS19 INFINEON-BAS19 Datasheet
46Kb / 4P
   Silicon Switching Diodes
Aug-06-2001
BAS78A INFINEON-BAS78A Datasheet
33Kb / 3P
   Silicon Switching Diodes
Aug-20-2001
BAW78 INFINEON-BAW78_07 Datasheet
69Kb / 6P
   Silicon Switching Diodes
2007-04-20
logo
Renesas Technology Corp
1S2835 RENESAS-1S2835 Datasheet
428Kb / 6P
   SILICON SWITCHING DIODES
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com