Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPD2003S Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD2003S
Description  HIGH VOLTAGE SILICON SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2003S Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD2003S_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPD2003S_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SURFACE MOUNT
HIGH VOLTAGE
SILICON SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPD2003,
CMPD2003A, CMPD2003C, CMPD2003S, CMPD2004,
CMPD2004A, CMPD2004C and CMPD2004S types
are silicon switching diodes manufactured by the
epitaxial planar process, designed for applications
requiring high voltage capability.
The following configurations are available:
CMPD2003
SINGLE
MARKING CODE: A82
CMPD2003A
DUAL, COMMON ANODE
MARKING CODE: 8A2
CMPD2003C
DUAL, COMMON CATHODE
MARKING CODE: C3C
CMPD2003S
DUAL, IN SERIES
MARKING CODE: C3S
CMPD2004
SINGLE
MARKING CODE: D53
CMPD2004A
DUAL, COMMON ANODE
MARKING CODE: DB8
CMPD2004C
DUAL, COMMON CATHODE
MARKING CODE: DB7
CMPD2004S
DUAL, IN SERIES
MARKING CODE: DB6
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMPD2003S
CMPD2004S
UNITS
Continuous Reverse Voltage
VR
200
240
V
Peak Repetitive Reverse Voltage
VRRM
250
300
V
Average Forward Current
IO
200
200
mA
Continous Forward Current
IF
250
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
SOT-23 CASE
R9 (25-January 2010)
www.centra lsemi.com


Similar Part No. - CMPD2003S_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2003S CENTRAL-CMPD2003S Datasheet
110Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
CMPD2003S CENTRAL-CMPD2003S Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2003S CENTRAL-CMPD2003S Datasheet
590Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
More results

Similar Description - CMPD2003S_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N3070 CENTRAL-1N3070 Datasheet
58Kb / 1P
   HIGH VOLTAGE SILICON SWITCHING DIODE
logo
Siemens Semiconductor G...
BAW78M SIEMENS-BAW78M Datasheet
33Kb / 4P
   Silicon Switching Diode (Switching applications High breakdown voltage)
logo
AiT Semiconductor Inc.
BAV19WS AITSEMI-BAV19WS Datasheet
618Kb / 5P
   SWITCHING DIODE SILICON EPITAXIAL PLANAR HIGH VOLTAGE DIODE
REV1.0
logo
Central Semiconductor C...
CMDD2004 CENTRAL-CMDD2004_10 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMOD2004 CENTRAL-CMOD2004_15 Datasheet
494Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2004 CENTRAL-CMPD2004 Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_11 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD2003 CENTRAL-CMHD2003_15 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_15 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD2003 CENTRAL-CMHD2003_10 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com