Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2158-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2158-14
Description  Dual 14-Bit 310Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2158-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2158-14_15 Datasheet HTML 7Page - Linear Technology LTC2158-14_15 Datasheet HTML 8Page - Linear Technology LTC2158-14_15 Datasheet HTML 9Page - Linear Technology LTC2158-14_15 Datasheet HTML 10Page - Linear Technology LTC2158-14_15 Datasheet HTML 11Page - Linear Technology LTC2158-14_15 Datasheet HTML 12Page - Linear Technology LTC2158-14_15 Datasheet HTML 13Page - Linear Technology LTC2158-14_15 Datasheet HTML 14Page - Linear Technology LTC2158-14_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
215814fa
LTC2158-14
For more information www.linear.com/LTC2158-14
TIMING DIAGRAMS
Double Data Rate Output Timing, All Outputs Are Differential LVDS
tH
tC
tD
tL
OF_AN-6 OF_BN-6 OF_AN-5 OF_BN-5 OF_AN-4 OF_BN-4
tSKEW
DA0N-6 DA1N-6 DA0N-5 DA1N-5 DA0N-4 DA1N-4
DA12N-6 DA13N-6 DA12N-5 DA13N-5 DA12N-4 DA13N-4
DB0N-6 DB1N-6 DB0N-5 DB1N-5 DB0N-4 DB1N-4
DB12N-6 DB13N-6 DB12N-5 DB13N-5 DB12N-4 DB13N-4
tAP
N + 1
N + 2
N + 3
N
ENC
ENC+
DB0_1+
DB0_1
DA0_1+
DA0_1
DB12_13+
DB12_13
DA12_13+
DA12_13
CLKOUT+
CLKOUT
OF+
OF
215814 TD01


Similar Part No. - LTC2158-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2158-14 LINER-LTC2158-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2158-14 LINER-LTC2158-14 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC2158-14 LINER-LTC2158-14 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC2158-14 LINER-LTC2158-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
logo
Analog Devices
LTC2158-14 AD-LTC2158-14 Datasheet
2Mb / 26P
   1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
More results

Similar Description - LTC2158-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2153-14 LINER-LTC2153-14_15 Datasheet
823Kb / 26P
   14-Bit 310Msps ADC
LTC2158-12 LINER-LTC2158-12_15 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
logo
Linear Dimensions Semic...
LTC2158-12 LINEAR_DIMENSIONS-LTC2158-12 Datasheet
545Kb / 28P
   Dual 12-Bit 310Msps ADC
logo
Linear Technology
LTC2158-12 LINER-LTC2158-12 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
LTC2153-12 LINER-LTC2153-12_15 Datasheet
592Kb / 24P
   12-Bit 310Msps ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com