Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT591A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT591A
Description  40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591A Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT591A_15 Datasheet HTML 1Page - Diodes Incorporated FMMT591A_15 Datasheet HTML 2Page - Diodes Incorporated FMMT591A_15 Datasheet HTML 3Page - Diodes Incorporated FMMT591A_15 Datasheet HTML 4Page - Diodes Incorporated FMMT591A_15 Datasheet HTML 5Page - Diodes Incorporated FMMT591A_15 Datasheet HTML 6Page - Diodes Incorporated FMMT591A_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FMMT591A
Document number: DS33105 Rev. 5 - 2
2 of 7
www.diodes.com
December 2013
© Diodes Incorporated
FMMT591A
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-1
A
Peak Pulse Current
ICM
-2
A
Base Current
IB
-200
mA
Peak Base Current
IBM
-1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
500
mW
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
250
°C/W
Thermal Resistance, Junction to Lead
(Note 7)
RθJL
197
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted with the collector lead on 15mm x 15mm 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
7. Thermal resistance from junction to solder-point (at the end of the collector lead).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - FMMT591A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
   SOT23 PNP silicon planar medium power transistor
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
   40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
More results

Similar Description - FMMT591A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
   40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT23
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Diodes Incorporated
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
   30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
   30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
   Medium power PNP transistor in SOT23
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
   40V PNP LOW POWER TRANSISTOR IN SOT23
ZXTN2040F DIODES-ZXTN2040F_15 Datasheet
488Kb / 6P
   40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com