Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8620 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8620
Description  65V, 2A Synchronous Step-Down Regulator with 2.5A Quiescent Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8620 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8620_15 Datasheet HTML 5Page - Linear Technology LT8620_15 Datasheet HTML 6Page - Linear Technology LT8620_15 Datasheet HTML 7Page - Linear Technology LT8620_15 Datasheet HTML 8Page - Linear Technology LT8620_15 Datasheet HTML 9Page - Linear Technology LT8620_15 Datasheet HTML 10Page - Linear Technology LT8620_15 Datasheet HTML 11Page - Linear Technology LT8620_15 Datasheet HTML 12Page - Linear Technology LT8620_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT8620
9
8620fa
For more information www.linear.com/LT8620
BLOCK DIAGRAM
+
+
SLOPE COMP
INTERNAL 0.97V REF
OSCILLATOR
200kHz TO 2.2MHz
BURST
DETECT
3.4V
REG
CBST
COUT
VOUT
8620 BD
SW
L
BST
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
ERROR
AMP
SHDN
±9%
VC
SHDN
THERMAL SHDN
INTVCC UVLO
VIN UVLO
SHDN
THERMAL SHDN
VIN UVLO
EN/UV
1V
+
GND
INTVCC
BIAS
PG
FB
R1
C1
R3
OPT
R4
OPT
R2
RT
CSS
OPT
VOUT
TR/SS
2µA
RT
SYNC
VIN
VIN
CIN
CVCC


Similar Part No. - LT8620_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
1Mb / 26P
   60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8620 AD-LT8620 Datasheet
2Mb / 20P
   High Efficiency 42V/120mA Synchronous Buck
LT8620 AD-LT8620 Datasheet
2Mb / 32P
   42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8620 AD-LT8620 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results

Similar Description - LT8620_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8609 LINER-LT8609_15 Datasheet
1Mb / 22P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com