Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT494 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FMMT494
Description  120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT494 Datasheet(HTML) 6 Page - Diodes Incorporated

  FMMT494_15 Datasheet HTML 1Page - Diodes Incorporated FMMT494_15 Datasheet HTML 2Page - Diodes Incorporated FMMT494_15 Datasheet HTML 3Page - Diodes Incorporated FMMT494_15 Datasheet HTML 4Page - Diodes Incorporated FMMT494_15 Datasheet HTML 5Page - Diodes Incorporated FMMT494_15 Datasheet HTML 6Page - Diodes Incorporated FMMT494_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FMMT494
Document number: DS33095 Rev. 4 - 2
6 of 7
www.diodes.com
October 2012
© Diodes Incorporated
FMMT494
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z


Similar Part No. - FMMT494_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT494 DIODES-FMMT494_17 Datasheet
386Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Similar Description - FMMT494_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT494TC DIODES-FMMT494TC Datasheet
211Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT494TA DIODES-FMMT494TA Datasheet
211Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT495 DIODES-FMMT495_15 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT495 DIODES-FMMT495_12 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT489TA DIODES-FMMT489TA Datasheet
54Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT493A DIODES-FMMT493A_18 Datasheet
457Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com