Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT493 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT493
Description  100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT493 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT493_15 Datasheet HTML 1Page - Diodes Incorporated FMMT493_15 Datasheet HTML 2Page - Diodes Incorporated FMMT493_15 Datasheet HTML 3Page - Diodes Incorporated FMMT493_15 Datasheet HTML 4Page - Diodes Incorporated FMMT493_15 Datasheet HTML 5Page - Diodes Incorporated FMMT493_15 Datasheet HTML 6Page - Diodes Incorporated FMMT493_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT493
Document number: DS33093 Rev. 4 - 2
1 of 7
www.diodes.com
April 2013
© Diodes Incorporated
FMMT493
A Product Line of
Diodes Incorporated
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Features
BVCEO > 100V
IC = 1A High Continuous Collector Current
ICM = 2A Peak Pulse Current
500mW Power Dissipation
hFE Characterised Up to 2A for High Current Gain Hold Up
Complementary PNP Type: FMMT593
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP capable (Note 4)
Mechanical Data
Case: SOT23
Case material: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per MIL-
STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT493TA
AEC-Q101
493
7
8
3,000
FMMT493QTA
Automotive
493
7
8
3,000
FMMT493TC
AEC-Q101
493
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
493 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
e3
493


Similar Part No. - FMMT493_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT493 KEXIN-FMMT493_15 Datasheet
812Kb / 2P
   NPN Transistors
More results

Similar Description - FMMT493_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT23
logo
Zetex Semiconductors
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
   100V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25100DFH DIODES-ZXTN25100DFH Datasheet
391Kb / 6P
   100V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN2020F ZETEX-ZXTN2020F Datasheet
514Kb / 6P
   100V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2020F DIODES-ZXTN2020F Datasheet
522Kb / 6P
   100V, SOT23, NPN medium power transistor
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT23
ZXTN25100BFH DIODES-ZXTN25100BFH Datasheet
398Kb / 6P
   100V, SOT23, medium power transistor
logo
Zetex Semiconductors
ZXTN25100BFH ZETEX-ZXTN25100BFH Datasheet
391Kb / 6P
   100V, SOT23, medium power transistor
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
   Medium power NPN transistor in SOT23
ZXTP2029F DIODES-ZXTP2029F Datasheet
439Kb / 8P
   100V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com