Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT491 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT491
Description  60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT491 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT491_15 Datasheet HTML 1Page - Diodes Incorporated FMMT491_15 Datasheet HTML 2Page - Diodes Incorporated FMMT491_15 Datasheet HTML 3Page - Diodes Incorporated FMMT491_15 Datasheet HTML 4Page - Diodes Incorporated FMMT491_15 Datasheet HTML 5Page - Diodes Incorporated FMMT491_15 Datasheet HTML 6Page - Diodes Incorporated FMMT491_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FMMT491
Document number: DS33091 Rev. 8 - 2
3 of 7
www.diodes.com
February 2015
© Diodes Incorporated
FMMT491
A Product Line of
Diodes Incorporated
Thermal Characteristics and Derating Information
0
20
40
60
80
100 120 140 160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
15 x 15mm FR4 1oz Copper
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
40
80
120
160
200
240
15 x 15mm FR4 1oz Copper
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0.1
1
10
100
15 x 15mm FR4 1oz Copper
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - FMMT491_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT491 KEXIN-FMMT491_15 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - FMMT491_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491Q DIODES-FMMT491Q Datasheet
303Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491TA DIODES-FMMT491TA Datasheet
153Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
ZXTN2018FQ DIODES-ZXTN2018FQ Datasheet
493Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
May 2019
ZXTN25060BFH DIODES-ZXTN25060BFH Datasheet
399Kb / 6P
   60V, SOT23, NPN medium power transistor
ZXTN2018F DIODES-ZXTN2018F Datasheet
513Kb / 6P
   60V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
   60V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT23
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com