Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB135 Datasheet(PDF) 2 Page - Leshan Radio Company

Part No. BB135
Description  UHF Variable Capacitance Diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

BB135 Datasheet(HTML) 2 Page - Leshan Radio Company

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BB135–2/2
BB135
Fig.1 Diode capacitance as a function of reverse voltage; typical values.
Fig.2 Reverse current as a function of junction
temperature; maximum values.
Fig.3 Temperature coefficient of diode
capacitance as a function of
reverse voltage; typical values.
Tj °C.
VR(V).
f = 1 MHz; Tj = 25 °C
.
Tj = 0 to 85 °C
.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BB134UHF variable capacitance diode 1 2 3 4 5 MoreNXP Semiconductors
BB417UHF variable capacitance diode 1 2 3 4 NXP Semiconductors
1SV285VARIABLE CAPACITANCE DIODE VCO FOR UHF BAND RADIO 1 Toshiba Semiconductor
HVC202BVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Hitachi Semiconductor
BB134UHF Variable Capacitance Diode 1 2 Leshan Radio Company
BB184UHF low voltage variable capacitance diode 1 2 3 4 5 MoreNXP Semiconductors
RKV5000DKKVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC326CVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
BB135UHF variable capacitance diode 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn