Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6412 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6412_15 Datasheet HTML 6Page - Linear Technology LTC6412_15 Datasheet HTML 7Page - Linear Technology LTC6412_15 Datasheet HTML 8Page - Linear Technology LTC6412_15 Datasheet HTML 9Page - Linear Technology LTC6412_15 Datasheet HTML 10Page - Linear Technology LTC6412_15 Datasheet HTML 11Page - Linear Technology LTC6412_15 Datasheet HTML 12Page - Linear Technology LTC6412_15 Datasheet HTML 13Page - Linear Technology LTC6412_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6412
10
6412fa
TYPICAL PERFORMANCE CHARACTERISTICS
2nd Harmonic Distortion vs
Control Voltage Over POUT
140MHz Noise Figure vs Gain
Setting Over Temperature
Output P1dB at GMAX vs Frequency
Over Supply Voltage
Input and Output P1dB vs Gain
Setting at 140MHz
140MHz Sideband Noise Near
GMAX at POUT = +8dBm
2nd Harmonic vs Distortion vs
Control Voltage Over Frequency
3rd Harmonic Distortion vs
Control Voltage Over Frequency
Noise Figure at GMAX vs
Frequency Over Temperature
Electrical Performance in Test Circuits A and B at TA = 25°C and VCC = 3.3V unless otherwise noted.
3rd Harmonic Distortion vs
Control Voltage Over POUT
–VG VOLTAGE (V)
0
–120
–100
–80
–60
–40
–20
0.2
GMAX
GMIN
0.4
0.6
0.8
6412 G19
1.0
1.2
POUT = 0dBm
FREQ = 280MHz
FREQ = 140MHz
FREQ = 70MHz
–VG VOLTAGE (V)
0
–120
–100
–80
–60
–40
–20
0.2
GMAX
GMIN
0.4
0.6
0.8
6412 G20
1.0
1.2
POUT = 0dBm
FREQ = 280MHz
FREQ = 70MHz
FREQ = 140MHz
FREQUENCY (MHz)
0
8
10
12
300
6412 G21
6
4
100
200
400
250
50
150
350
2
0
14
85°C
–40°C
25°C
–VG VOLTAGE (V)
0
–120
–100
–80
–60
–40
–20
0.2
GMAX
GMIN
0.4
0.6
0.8
6412 G22
1.0
1.2
FREQ = 140MHz
POUT = 3dBm
POUT = 0dBm
POUT = –3dBm
INPUT
ATTENUATOR
LIMITED
–VG VOLTAGE (V)
0
–120
–100
–80
–60
–40
–20
0.2
GMAX
GMIN
0.4
0.6
0.8
6412 G23
1.0
1.2
FREQ = 140MHz
INPUT
ATTENUATOR
LIMITED
POUT = 3dBm
POUT = –3dBm
POUT = 0dBm
GAIN SETTING (dB)
–20
25
30
35
20
6412 G24
20
15
0
–10
0
10
–15
–5
5
15
10
5
45
85°C
40
–40°C
25°C
FREQUENCY (MHz)
0
0
2
6
8
10
20
3.6V
3.3V
14
100
200
250
6412 G25
4
16
18
12
50
150
300 350
400
3V
GAIN SETTING (dB)
–20
10
15
20
–5
5
20
6412 G26
5
0
–5
–15 –10
0
10
15
INPUT P1dB
OUTPUT P1dB
INPUT
ATTENUATOR
LIMITED
OUTPUT
AMPLIFIER
LIMITED
OFFSET FROM 140MHz (Hz)
–20000
20000
–60
–40
–20
6412 G27
–80
–100
–10000
10000
0
–120
–140
0
GAIN = GMAX – 2dB


Similar Part No. - LTC6412_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412CUF LINER-LTC6412CUF Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
LTC6412CUFPBF LINER-LTC6412CUFPBF Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
LTC6412CUFTRPBF LINER-LTC6412CUFTRPBF Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
LTC6412IUF LINER-LTC6412IUF Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
LTC6412IUFPBF LINER-LTC6412IUFPBF Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
More results

Similar Description - LTC6412_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
logo
Analog Devices
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
   Wide Dynamic Range, High Speed Digitally Controlled VGA
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
Linear Technology
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
logo
List of Unclassifed Man...
EMCORE-T6032 ETC2-EMCORE-T6032 Datasheet
94Kb / 1P
   Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
logo
Maxim Integrated Produc...
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
logo
Analog Devices
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com