Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT870-23 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMT870-23
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMT870-23 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMT870-23 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMT870-23 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMT870-23 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMT870-23 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30.05.2012
SMT870-23
1 of 4
SMT870-23
TECHNICAL DATA
Infrared LED, SMD
AlGaAs
SMT870-23 is a AlGaAs LED, mounted on a lead frame as TOP LED package with plastic ball
lens. On forward bias, it emits a radiation of typical 22 mW at a peak wavelength of 870 nm.
Specifications
(Unit: mm)
Structure:
AlGaAs
Peak Wavelength:
870 nm
Optical Output Power:
22 mW
Package:
SMD, PPA resin
Lead frame die:
silver plated
Lens:
epoxy resin (Ø2.6 mm)
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
160
mW
Forward Current
IF
100
mA
Pulse Forward Current *
1
IFP
1000
mA
Reverse Voltage
VR
5
V
Junction Temperature
TJ
100
°C
Thermal Resistance
Rthja
190
K/W
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
2
Tsol
255
°C
*
1 duty = 1%, pulse width = 10 µs
*
2 must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.45
1.60
V
Pulse Forward Voltage
VFP
IFP = 100mA, tP = 20ms
-
1.50
1.80
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 50 mA
16
22
-
mW
IFP = 100mA, tP = 20ms
-
44
-
Radiant Intensity
IE
IF = 50 mA
-
40
-
mW/sr
IFP = 100mA, tP = 20ms
-
80
-
Peak Wavelength
λ
P
IF = 50 mA
855
870
885
nm
Half Width
Δλ
IF = 50 mA
-
40
-
nm
Viewing Half Angle
Θ
1/2
IF = 50 mA
-
±15
-
deg.
Rise Time
tr
IF = 50 mA
-
15
-
ns
Fall Time
tf
IF = 50 mA
-
10
-
ns
Radiated Power is measured by Photodyne #500
Radiant Intensity is measured by Tektronix J-6512
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMT870-23

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT80C2 EMERSON-NETWORKPOWER-SMT80C2 Datasheet
933Kb / 20P
   SIL/SMT80C2 Series
logo
Artesyn Technologies
SMT80C2-00SADJJ ARTESYN-SMT80C2-00SADJJ Datasheet
1Mb / 6P
   POWER C-Class Non-Isolated; 80 Amps
logo
List of Unclassifed Man...
SMT810 ETC1-SMT810 Datasheet
93Kb / 1P
   High Performance Infrared TOP IR LED
logo
Frontier Electronics.
SMT82-1A FRONTIER-SMT82-1A Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
SMT82-1A-LFR FRONTIER-SMT82-1A-LFR Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
More results

Similar Description - SMT870-23

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com