Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC890 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # SMC890
Description  Invisible LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC890 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  SMC890 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC890 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
07.04.2011
SMC890
2 of 2
Recommended Land Layout (Unit: mm)
1. Soldering Conditions
• DO NOT apply any stress to the lead particularly when heat.
• After soldering the LEDs should be protected from mechanical shock or vibration until the
LEDs return to room temperature.
• When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
minimize the mechanical stress on the LEDs.
Soldering Conditions
2. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.


Similar Part No. - SMC890

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC8.0 SUNMATE-SMC8.0 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC8.0A SUNMATE-SMC8.0A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC8.0C SUNMATE-SMC8.0C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC8.0CA SUNMATE-SMC8.0CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Lite-On Technology Corp...
SMC8.2C LITEON-SMC8.2C Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMC890

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMC910 ROITHNER-SMC910 Datasheet
227Kb / 2P
   Invisible LED
SMC870 ROITHNER-SMC870 Datasheet
143Kb / 2P
   Invisible LED
logo
Rohm
RLD90QZW8 ROHM-RLD90QZW8 Datasheet
1Mb / 9P
   905nm Invisible Pulsesd Laser Diode
RLD90QZWD-00X ROHM-RLD90QZWD-00X Datasheet
1Mb / 10P
   905nm Invisible Pulsesd Laser Diode
2022.11 - Rev.001
RLD90QZW3 ROHM-RLD90QZW3 Datasheet
1Mb / 9P
   905nm Invisible Pulsesd Laser Diode
RLD90QZW6 ROHM-RLD90QZW6 Datasheet
1Mb / 9P
   905nm Invisible Pulsesd Laser Diode
RLD90QZW5 ROHM-RLD90QZW5 Datasheet
1Mb / 9P
   905nm Invisible Pulsesd Laser Diode
RLD2BPNG5 ROHM-RLD2BPNG5 Datasheet
981Kb / 9P
   780nm Invisible 2beam Laser Diode
2023.6 - Rev.004
RLD90QZWC-00X ROHM-RLD90QZWC-00X Datasheet
1Mb / 10P
   905nm Invisible Pulsesd Laser Diode
2022.11 - Rev.001
RLD90QZWJ-10X ROHM-RLD90QZWJ-10X Datasheet
1Mb / 10P
   905nm Invisible Pulsesd Laser Diode
2022.11 - Rev.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com