Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6244 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6244
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6244_15 Datasheet HTML 5Page - Linear Technology LTC6244_15 Datasheet HTML 6Page - Linear Technology LTC6244_15 Datasheet HTML 7Page - Linear Technology LTC6244_15 Datasheet HTML 8Page - Linear Technology LTC6244_15 Datasheet HTML 9Page - Linear Technology LTC6244_15 Datasheet HTML 10Page - Linear Technology LTC6244_15 Datasheet HTML 11Page - Linear Technology LTC6244_15 Datasheet HTML 12Page - Linear Technology LTC6244_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC6244
9
6244fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: The LTC6244C/LTC6244HVC are guaranteed to meet specified
performance from 0°C to 70°C. They are designed, characterized and
expected to meet specified performance from –40°C to 85°C, but are not
tested or QA sampled at these temperatures. The LTC6244I/LTC6244HVI,
are guaranteed to meet specified performance from –40°C to 85°C. The
LTC6244H is guaranteed to meet specified performance from –40°C to
125°C.
Note 4: ESD (Electrostatic Discharge) sensitive device. ESD protection
devices are used extensively internal to the LTC6244; however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 5: Matching parameters are the difference between the two amplifiers
of the LTC6244. CMRR and PSRR match are defined as follows: CMRR
and PSRR are measured in μV/V on the amplifiers. The difference is
calculated between the sides in μV/V. The result is converted to dB.
Note 6: This parameter is not 100% tested.
Note 7: This specification is limited by high speed automated test
capability. See Typical Characteristics curves for actual typical
performance.
Note 8: Current noise is calculated from the formula: in = (2qIB)1/2
where q = 1.6 × 10–19 coulomb. The noise of source resistors up to
50GΩ dominates the contribution of current noise. See also Typical
Characteristics curve Noise Current vs Frequency.
Note 9: Output voltage swings are measured between the output and
power supply rails.
Note 10: Minimum supply voltage is guaranteed by the power supply
rejection ratio test.
Note 11: Slew rate is measured in a gain of –2 with RF = 1k and RG =
500Ω. VIN is ±1V and VOUT slew rate is measured between –1V and +1V.
On the LTC6244HV/LTC6245HV, VIN is ±2V and VOUT slew rate is measured
between –2V and +2V.
Note 12: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC6244_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6244CDD LINER-LTC6244CDD Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244CMS8 LINER-LTC6244CMS8 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244HMS8 LINER-LTC6244HMS8 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244HVCDD LINER-LTC6244HVCDD Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244HVCMS8 LINER-LTC6244HVCMS8 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results

Similar Description - LTC6244_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
   Rail-to-Rail Dual Op Amp
05/14/19
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Linear Technology
RH6200M LINER-RH6200M_15 Datasheet
159Kb / 10P
   Low Noise, High Speed Rail-to-Rail Op Amp
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Maxim Integrated Produc...
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
   1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com