Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6090-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6090-5
Description  140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6090-5 Datasheet(HTML) 1 Page - Linear Technology

  LTC6090-5_15 Datasheet HTML 1Page - Linear Technology LTC6090-5_15 Datasheet HTML 2Page - Linear Technology LTC6090-5_15 Datasheet HTML 3Page - Linear Technology LTC6090-5_15 Datasheet HTML 4Page - Linear Technology LTC6090-5_15 Datasheet HTML 5Page - Linear Technology LTC6090-5_15 Datasheet HTML 6Page - Linear Technology LTC6090-5_15 Datasheet HTML 7Page - Linear Technology LTC6090-5_15 Datasheet HTML 8Page - Linear Technology LTC6090-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC6090/LTC6090-5
1
6090fd
For more information www.linear.com/LTC6090
Typical applicaTion
FeaTures
DescripTion
140V CMOS Rail-to-Rail
Output, Picoamp Input
Current Op Amp
The LTC®6090/LTC6090-5 are high voltage, precision
monolithic operational amplifiers. The LTC6090 is unity
gain stable. The LTC6090-5 is stable in noise gain con-
figurations of 5 or greater. Both amplifiers feature high
openloopgain,lowinputreferredoffsetvoltageandnoise,
and pA input bias current and are ideal for high voltage,
highimpedancebufferingand/orhighgainconfigurations.
The amplifiers are internally protected against over-
temperatureconditions.Athermalwarningoutput,TFLAG,
goes active when the die temperature approaches 150°C.
The output stage may be turned off with the output disable
pin OD. By tying the OD pin to the thermal warning output
(TFLAG), the part will disable the output stage when it is
out of the safe operating area. These pins easily interface
to any logic family.
Both amplifiers may be run from a single 140V or spit
±70V power supplies and are capable of driving up to
200pF of load capacitance. They are available in either an
8-lead SO or 16-lead TSSOP package with exposed pad
for low thermal resistance.
140VP-P Sine Wave Output
applicaTions
n
Supply Range: ±4.75V to ±70V (140V)
n
0.1Hz to 10Hz Noise: 3.5μVP-P
n
Input Bias Current: 50pA Maximum
n
Low Offset Voltage: 1.25mV Maximum
n
Low Offset Drift: ±5µV/°C Maximum
n
CMRR: 130dB Minimum
n
Rail-to-Rail Output Stage
n
Output Sink and Source: 50mA
n
12MHz Gain Bandwidth Product
n
21V/µs Slew Rate
n
11nV/√Hz Noise Density
n
Thermal Shutdown
n
Available in Thermally Enhanced SOIC-8E or
TSSOP-16E Packages
n
ATE
n
Piezo Drivers
n
Photodiode Amplifier
n
High Voltage Regulators
n
Optical Networking
High Voltage DAC Buffer Application
VOUT = ±70V
6090 TA01a
+
LTC6090
453k
10pF
70V
3V
–70V
16.2k
10k
470pF
16.9k
VREF
2.5V
LTC2641
DIN
16
25µs/DIV
80
60
40
20
0
–20
–40
–60
–80
6090 TA01b
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC6090-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
More results

Similar Description - LTC6090-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
   Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com