Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6090 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6090
Description  140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6090 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6090_15 Datasheet HTML 3Page - Linear Technology LTC6090_15 Datasheet HTML 4Page - Linear Technology LTC6090_15 Datasheet HTML 5Page - Linear Technology LTC6090_15 Datasheet HTML 6Page - Linear Technology LTC6090_15 Datasheet HTML 7Page - Linear Technology LTC6090_15 Datasheet HTML 8Page - Linear Technology LTC6090_15 Datasheet HTML 9Page - Linear Technology LTC6090_15 Datasheet HTML 10Page - Linear Technology LTC6090_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC6090/LTC6090-5
7
6090fd
For more information www.linear.com/LTC6090
Typical perForMance characTerisTics
FREQUENCY (kHz)
0.1
1
10
100
1000
1
100
1000
100000
6090 G19
0.01
10
10000
AV = 101V/V
AV = 11V/V
AV = 1V/V
FREQUENCY (kHz)
1
1
10
100
1000
10
100
6091 G20
1000
CL = 10pF
COMMON MODE VOLTAGE (V)
10
100
–80
0
40
6090 G21
1
–40
–60
20
60
–20
80
125°C
VS = ±70V
100°C
80°C
50°C
DIRECTION OF THE CURRENT
IS OUT OF THE PIN
25°C
5°C
0.1
1000
10000
COMMON MODE VOLTAGE (V)
1
100
1000
–15
5
15
6090 G22
0.1
–5
–10
10
0
10
125°C
100°C
VS = ±15V
50°C
25°C
85°C
DIRECTION OF THE CURRENT
IS OUT OF THE PIN
0
20
40
6090 G23
–20
–40
–80
5µs/DIV
–60
80
60
INPUT
OUTPUT
AV = –10V/V
VS = ±70V
0
20
40
6090 G24
–20
–40
–80
5µs/DIV
–60
80
60
INPUT
OUTPUT
AV = –10V/V
VS = ±70V
RF = 100k
RI = 10k
CF = 2pF
INPUT
50mV/DIV
OUTPUT
50mV/DIV
6090 G16
1µs/DIV
AV = 1V/V
500ns/DIV
6090 G26
AV = 1V/V
INPUT
OUTPUT
500ns/DIV
6090 G27
AV = 1V/V
INPUT
OUTPUT
LTC6090-5 Large Signal Transient
Response
Small Signal Transient Response
LTC6090 Falling Edge
Settling Time
LTC6090 Rising Edge
Settling Time
Input Bias Current vs Common
Mode Voltage and Temperature
Input Bias Current vs Common
Mode Voltage and Temperature
LTC6090 Large Signal Transient
Response
Output Impedance vs Frequency
Output Impedance vs Frequency
with Output Disabled (OD = COM)


Similar Part No. - LTC6090_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
More results

Similar Description - LTC6090_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
   Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com