Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5577 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5577
Description  300MHz to 6GHz High Signal Level Active Downconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5577 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5577_15 Datasheet HTML 6Page - Linear Technology LTC5577_15 Datasheet HTML 7Page - Linear Technology LTC5577_15 Datasheet HTML 8Page - Linear Technology LTC5577_15 Datasheet HTML 9Page - Linear Technology LTC5577_15 Datasheet HTML 10Page - Linear Technology LTC5577_15 Datasheet HTML 11Page - Linear Technology LTC5577_15 Datasheet HTML 12Page - Linear Technology LTC5577_15 Datasheet HTML 13Page - Linear Technology LTC5577_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC5577
10
5577f
For more information www.linear.com/LTC5577
TesT circuiT
APPLICATION
RF MATCH
LO MATCH
IF MATCH
RF (MHz)
LO
C3
C4
L3
C5
C6
L1, L2
300 to 400
HS
330pF
18pF
2.2nH
47pF
15pF
560nH
375 to 525
HS
330pF
15pF
2nH
27pF
8.2pF
560nH
700 to 1000
HS
330pF
6pF
6.8pF
2.7pF
560nH
1300 to 4300
LS, HS
8.2pF
0.7pF
3.9pF
560nH
4900
LS
1.8nH (L)
0.7pF
1pF
10nH*
5900
LS
0.25pF
1pF
10nH*
LS = Low side, HS = High side. *IF = 900MHz
REF DES
VALUE
SIZE
VENDOR
C1, C2, C7, C8
1nF
0402
Murata
C3 - C6
See Table
0402
Murata
R1, R2
115Ω, 1%
0402
C9
1µF
0603
AVX
L1, L2
See Table
0603
Coilcraft 0603LS
L3
See Table
0402
Coilcraft 0402HP
Figure 1. Standard Downmixer Test Circuit Schematic (Wideband 100Ω Differential IF Output)
RF
0.015"
0.062"
0.015"
GND
BIAS
GND
DC2070A
EVALUATION BOARD
LAYER STACK-UP
(NELCO N4000-13)
DC2070A
EVAL BOARD
RFIN
50
C3
C4
5577 F01
NC
EN
VCC
3.3V
180mA
C1
C9
VCC
VCC
NC
LTC5577
LO
IADJ
C5
C6
17
GND
2
3
RF
1 GND
4 GND
GND 9
6
5
7
8
EN
TEMP
IF+
12
11
10
GND
IF
GND
16
14
15
13
LOIN
50
IF
50
IFOUT
50
IF+
50
180°
C8
C7
R1
R2
L1
L2
L3
C2
180°
COMBINER


Similar Part No. - LTC5577_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
More results

Similar Description - LTC5577_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5566 LINER-LTC5566 Datasheet
656Kb / 28P
   300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
LTC5569 LINER-LTC5569_15 Datasheet
417Kb / 22P
   300MHz to 4GHz 3.3V Dual Active Downconverting Mixer
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LTC5544 LINER-LTC5544 Datasheet
1Mb / 12P
   4GHz to 6GHz High Dynamic Range Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5557 LINER-LT5557 Datasheet
236Kb / 16P
   400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com