Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX493 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FCX493
Description  100V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX493 Datasheet(HTML) 2 Page - Diodes Incorporated

  FCX493_15 Datasheet HTML 1Page - Diodes Incorporated FCX493_15 Datasheet HTML 2Page - Diodes Incorporated FCX493_15 Datasheet HTML 3Page - Diodes Incorporated FCX493_15 Datasheet HTML 4Page - Diodes Incorporated FCX493_15 Datasheet HTML 5Page - Diodes Incorporated FCX493_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FCX493
Datasheet Number: DS33056 Rev. 6 - 2
2 of 6
www.diodes.com
October 2012
© Diodes Incorporated
FCX493
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
1
A
Peak Pulse Current
ICM
2
A
Continuous Base Current
IB
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector Power Dissipation (Note 5)
PD
1
W
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
125
°C/W
Thermal Resistance, Junction to Leads (Note 6)
RθJL
10.01
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
Notes:
5. For the device mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. Thermal resistance from junction to solder-point (on the exposed collector pad).
Thermal Characteristics and Derating Information
100m
1
10
100
10m
100m
1
Single Pulse. T
amb
=25°C
V
CE(sat)
Limited
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - FCX493_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX493ATA DIODES-FCX493ATA Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX493ATC DIODES-FCX493ATC Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX493TA DIODES-FCX493TA Datasheet
312Kb / 5P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Similar Description - FCX493_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19100CZ DIODES-ZXTN19100CZ Datasheet
459Kb / 8P
   100V NPN medium power transistor in SOT89
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com