Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2458 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SP2458
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP2458 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  SP2458 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP2458 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP2458 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP2458 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP2458 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP2458 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP2458 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SP2458
www.samhop.com.tw
Dec,02,2014
6
PACKAGE OUTLINE DIMENSIONS
TOP VIEW
DFN 2x5-6L
BOTTOM VIEW
SIDE VIEW
SYMBOLS
MILLIMETERS
A
A1
b
C
D
E
E1
MIN
MAX
0.70
0.80
0.00
0.05
0.20
0.30
0.10
0.20
e
L
L1
0.50 BSC
0.00
NOM
0.75
0.225
0.152
01
2.00 BSC
1.30
1.35
1.55
E2
5.00 BSC
4.50 BSC
0.10
D1
3
o BSC
E1
E
b
e
A
C
A1
01
02
E2
D1
D
L
L1
02
2.60
2.67
2.95
0.40
0.50
0.60
0
o
10
o
12
o
Ver 3.0


Similar Part No. - SP2458

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
logo
List of Unclassifed Man...
SP24 ETC2-SP24 Datasheet
178Kb / 3P
   Heat Shrink
logo
Littelfuse
SP24-01WTG-C-HV LITTELFUSE-SP24-01WTG-C-HV Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SP24-01WTG-C-HV LEIDITECH-SP24-01WTG-C-HV Datasheet
907Kb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Rhombus Industries Inc.
SP24-1001 RHOMBUS-IND-SP24-1001 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
More results

Similar Description - SP2458

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com