Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3727 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3727
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3727 Datasheet(HTML) 1 Page - Linear Technology

  LTC3727_15 Datasheet HTML 1Page - Linear Technology LTC3727_15 Datasheet HTML 2Page - Linear Technology LTC3727_15 Datasheet HTML 3Page - Linear Technology LTC3727_15 Datasheet HTML 4Page - Linear Technology LTC3727_15 Datasheet HTML 5Page - Linear Technology LTC3727_15 Datasheet HTML 6Page - Linear Technology LTC3727_15 Datasheet HTML 7Page - Linear Technology LTC3727_15 Datasheet HTML 8Page - Linear Technology LTC3727_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC3727/LTC3727-1
3727fc
High Efficiency, 2-Phase
Synchronous Step-Down Switching Regulators
Figure 1. High Efficiency Dual 12V/5V Step-Down Converter
Wide Output Voltage Range: 0.8V
≤ VOUT ≤ 14V
Out-of-Phase Controllers Reduce Required Input
Capacitance and Power Supply Induced Noise
OPTI-LOOP
® Compensation Minimizes COUT
±1% Output Voltage Accuracy
Power Good Output Voltage Monitor
Phase-Lockable Fixed Frequency 250kHz to 550kHz
Latched Short-Circuit Shutdown (LTC3727 Only)
Dual N-Channel MOSFET Synchronous Drive
Wide VIN Range: 4V to 36V Operation
Very Low Dropout Operation: 99% Duty Cycle
Adjustable Soft-Start Current Ramping
Foldback Output Current Limiting
Output Overvoltage Protection
Low Shutdown IQ: 20μA
Selectable Constant Frequency or Burst Mode
®
Operation
Small 28-Lead SSOP Package
LTC3727-1 Also Available in the 5mm
× 5mm QFN
Package
The LTC
®3727/LTC3727-1 are high performance dual
step-down switching regulator controllers that drive all
N-channel synchronous power MOSFET stages. A con-
stant frequency current mode architecture allows phase-
lockable frequency of up to 550kHz. Power loss and noise
due to the ESR of the input capacitors are minimized by
operating the two controller output stages out of phase.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capacitance and
ESR values. There is a precision 0.8V reference and a power
good output indicator. A wide 4V to 30V (36V maximum)
input supply range encompasses all battery chemistries.
A RUN/SS pin for each controller provides soft-start, and
on the LTC3727GN, optional timed, short-circuit shut-
down. Current foldback limits MOSFET heat dissipation
during short-circuit conditions when overcurrent latchoff
is disabled. Output overvoltage protection circuitry latches
on the bottom MOSFET until VOUT returns to normal. The
FCB mode pin can select among Burst Mode, constant
frequency mode and continuous inductor current mode or
regulate a secondary winding.
Telecom Systems
Automotive Systems
Battery-Operated Digital Devices
+
4.7
μF
M2
M1
0.1
μF
105k
1%
1000pF
8
μH
220pF
1
μF
CERAMIC
22
μF
50V
CERAMIC
+
47
μF
6V
SP
0.015
Ω
20k
1%
15k
VOUT1
5V
5A
M4
M3
0.1
μF
280k
1%
15
μH
220pF
1000pF
+ 56μF
15V
SP
0.015
Ω
20k
1%
15k
VOUT2
12V
4A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1
SENSE2
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN PGOOD INTVCC
RUN/SS1
RUN/SS2
VIN
18V TO 28V
M1, M2, M3, M4: FDS6680A
3727 F01
0.1
μF
0.1
μF
LTC3727/
LTC3727-1
PLLIN
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst
Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
5481178, 5929620, 6177787, 6144194, 6100678, 5408150, 6580258, 6304066, 5705919.


Similar Part No. - LTC3727_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3727-1 LINER-LTC3727-1 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
logo
Linear Integrated Syste...
LTC3727-1 LINEAR-LTC3727-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC3727-1 LINER-LTC3727-1 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
logo
Analog Devices
LTC3727-1 AD-LTC3727-1 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LTC3727_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_1 Datasheet
315Kb / 28P
   2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com