Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDUD06N60 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SDUD06N60
Description  Super high dense cell design for low RDS(ON).
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD06N60 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SDUD06N60 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 9Page - SamHop Microelectronics Corp. SDUD06N60 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SDU/D06N60
Ver 1.0
www.samhop.com.tw
Dec,12,2014
6
TO-252
L3
b2
b
L2
L
A1
L1
A
MAX
MIN
c
c2
D
D1
e
H
E1
MILLIMETERS
SYMBOLS
E
b3
E
b3
H
L3
D
L4
b2
b
e
1
2
3
A
c2
c
E1
D1
L1
A1
L2
DETAIL "A"
DETAIL "A"
2.200
2.380
0.000
0.127
0.635
0.889
0.762
1.143
5.200
5.460
0.450
0.600
0.450
0.580
6.000
6.223
5.210
2.286 BSC
6.400
6.731
4.318
9.400
10.400
L4
1.400
1.770
2.743 REF
L
0.508 BSC
0.890
1.270
0.640
1.010
10°
4.900
5.380


Similar Part No. - SDUD06N60

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SDUD06N60

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com