Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDUD05N04 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SDUD05N04
Description  Super high dense cell design for low RDS(ON).
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD05N04 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SDUD05N04 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDUD05N04 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S mHop Microelectronics C orp.
a
SDU/D05N04
Symbol
VDS
VGS
IDM
W
A
PD
°C
-55 to 175
ID
Units
Parameter
400
4
12
V
V
±30
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (
Ω) Typ
400V
4A
2.1 @ VGS=10V
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
www.samhop.com.tw
Dec,24,2013
1
Details are subject to change without notice.
TC=25°C
A
Ver 1.2
TC=70°C
A
3.3
TC=70°C
W
EAS
mJ
Single Pulse Avalanche Energy
d
2.5
Green
Product
N-Channel Enhancement Mode Field Effect Transistor
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
68
48
THERMAL CHARACTERISTICS
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
2.2
°C/W
Thermal Resistance, Junction-to-Case
R JC
a
a
G
S
SDD SERIES
TO-251S(I-PAK)
G
S
D
G
S
D
SDD SERIES
TO-251L(I-PAK)
SDU SERIES
TO-252(D-PAK)
D
ORDERING INFORMATION
Ordering Code
Package
Marking Code
Delivery Mode
RoHS Status
SDD05N04HS
TO-251S
TO-251L
SDD05N04
SDD05N04
Tube
Tube
Halogen Free
SDU05N04HZ
TO-252
SDU05N04
Reel
Halogen Free
SDD05N04HL
Halogen Free


Similar Part No. - SDUD05N04

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD05N70 SAMHOP-SDUD05N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SDUD05N04

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com