Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3S160 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PD3S160
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰323
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S160 Datasheet(HTML) 4 Page - Diodes Incorporated

  PD3S160_15 Datasheet HTML 1Page - Diodes Incorporated PD3S160_15 Datasheet HTML 2Page - Diodes Incorporated PD3S160_15 Datasheet HTML 3Page - Diodes Incorporated PD3S160_15 Datasheet HTML 4Page - Diodes Incorporated PD3S160_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PD3S160
Document number: DS30899 Rev. 7 - 2
4 of 5
www.diodes.com
September 2012
© Diodes Incorporated
PD3S160
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI323
Dim
Min
Max
Typ
A
2.40
2.60
2.50
B
1.85
1.95
1.90
C
1.20
1.30
1.25
D
0.60
0.70
0.65
E
0.78
0.98
0.88
E1
0.50
0.70
0.60
E2
0.60
1.00
0.80
H
0.08
0.18
0.13
L
0.20
0.40
0.30
L1
1.40
L3
0.20
L4
0.40
0.80
0.60
All Dimensions in mm
Dimensions
Value (in mm)
G
0.5
X1
2.0
X2
0.8
Y1
0.8
Y2
1.1
B
C
E
L1
L
L
H
D
L1
L3
A
L4
E1
E2
X1
G
X2
Y2
Y1


Similar Part No. - PD3S160_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S160-7 DIODES-PD3S160-7 Datasheet
86Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30899 Rev. 4 - 2
PD3S160-7 DIODES-PD3S160-7 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160Q DIODES-PD3S160Q Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PD3S160Q-7 DIODES-PD3S160Q-7 Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2014
PD3S160Q-7 DIODES-PD3S160Q-7 Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results

Similar Description - PD3S160_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S130HQ DIODES-PD3S130HQ_15 Datasheet
217Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S130LQ DIODES-PD3S130LQ_15 Datasheet
105Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S130H DIODES-PD3S130H_15 Datasheet
146Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S130L DIODES-PD3S130L_15 Datasheet
140Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S160Q DIODES-PD3S160Q_15 Datasheet
195Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰323
PD3S120L DIODES-PD3S120L_15 Datasheet
143Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S120LQ DIODES-PD3S120LQ_15 Datasheet
242Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S220LQ DIODES-PD3S220LQ_15 Datasheet
200Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S220L DIODES-PD3S220L_15 Datasheet
95Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S230H DIODES-PD3S230H_15 Datasheet
298Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com