Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX493A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FCX493A
Description  60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX493A Datasheet(HTML) 6 Page - Diodes Incorporated

  FCX493A Datasheet HTML 1Page - Diodes Incorporated FCX493A Datasheet HTML 2Page - Diodes Incorporated FCX493A Datasheet HTML 3Page - Diodes Incorporated FCX493A Datasheet HTML 4Page - Diodes Incorporated FCX493A Datasheet HTML 5Page - Diodes Incorporated FCX493A Datasheet HTML 6Page - Diodes Incorporated FCX493A Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FCX493A
Document number: DS36573 Rev. 1 - 2
6 of 7
www.diodes.com
December 2013
© Diodes Incorporated
FCX493A
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 Typ
H
3.94
4.25
H1
2.63
2.93
L
0.89
1.20
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
1.733
X2
0.416
Y
1.300
Y1
4.600
Y2
1.475
Y3
0.950
Y4
1.125
C
1.500
E
H
D1
B1
B
e
C
L
A
D
8° (4X)
H
1
R0
.20
0
Y1
X1
Y2
Y
C
X (3x)
Y3
Y4
X2 (2x)


Similar Part No. - FCX493A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
More results

Similar Description - FCX493A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25060BZ DIODES-ZXTN25060BZ Datasheet
780Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Zetex Semiconductors
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com