Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS4240T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSS4240T
Description  40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS4240T Datasheet(HTML) 3 Page - Diodes Incorporated

  DSS4240T_15 Datasheet HTML 1Page - Diodes Incorporated DSS4240T_15 Datasheet HTML 2Page - Diodes Incorporated DSS4240T_15 Datasheet HTML 3Page - Diodes Incorporated DSS4240T_15 Datasheet HTML 4Page - Diodes Incorporated DSS4240T_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DSS4240T
Document number: DS31623 Rev. 4 - 2
3 of 5
www.diodes.com
November 2011
© Diodes Incorporated
DSS4240T
0
0
T , AMBIENT TEMPERATURE ( C)
A
°
R
= 209°C/W
θJA
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 4)
100
200
300
400
500
25
50
75
100
125
150
600
700
800
02
4
6
8
10
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
I = 1mA
B
I = 2mA
B
I = 3mA
B
I = 4mA
B
I = 5mA
B
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 3 Typical DC Current Gain vs. Collector Current
10
100
1,000 T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= 2V
CE
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.001
0.01
0.1
1
I/I = 10
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= 2V
CE
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 10
CB
/I


Similar Part No. - DSS4240T_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS4240T-7 DIODES-DSS4240T-7 Datasheet
112Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS4240T_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS2540M DIODES-DSS2540M Datasheet
132Kb / 5P
   40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
DSS4240Y DIODES-DSS4240Y_15 Datasheet
133Kb / 5P
   40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4240Y-7 DIODES-DSS4240Y-7 Datasheet
133Kb / 5P
   40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4240Y DIODES-DSS4240Y Datasheet
133Kb / 5P
   40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
March 2011
DSS2540M DIODES-DSS2540M_15 Datasheet
409Kb / 7P
   40V NPN LOW VCE(sat) TRANSISTOR
DSS5540X DIODES-DSS5540X_15 Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS3540M DIODES-DSS3540M Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5540X DIODES-DSS5540X Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5240Y DIODES-DSS5240Y Datasheet
151Kb / 6P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5240Y DIODES-DSS5240Y_15 Datasheet
151Kb / 6P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com