Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCB-DRIVER-51 Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # PCB-DRIVER-51
Description  led driver for mid-ir leds
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PCB-DRIVER-51 Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  PCB-DRIVER-51 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PCB-DRIVER-51 Datasheet HTML 2Page - Roithner LaserTechnik GmbH PCB-DRIVER-51 Datasheet HTML 3Page - Roithner LaserTechnik GmbH PCB-DRIVER-51 Datasheet HTML 4Page - Roithner LaserTechnik GmbH PCB-DRIVER-51 Datasheet HTML 5Page - Roithner LaserTechnik GmbH PCB-DRIVER-51 Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.roithner-laser.com
6
About Temperature Observation
Temperature observation is possibility to define LED p-n junction temperature and observe temperature
changing using current-voltage dependence. Driver generates low current signals with amplitude 12 mA
and duration 500 ns for plugged LED. These signals are placed between driving signals and don’t affect
LED temperature. Special block of PCB-driver-51 registers the pulse voltage value and converts it into
constant voltage. Since there is a univocal dependence of voltage on intrinsic LED temperature, it
becomes possible to judge temperature changing by observing voltage changing.
Family of current-voltage characteristics at different temperatures
Voltage-temperature dependence at 12mA measuring signal. Straight-line relationship is clearly seen
Every LED has a unique current-voltage characteristic, that’s why relation between output voltage and
temperature will be different depending on measured LED. Therefore, for measuring exact p-n junction
temperature, the calibration for every LED is needed. To calibrate we recommend measuring voltage
values at room temperature and some other temperature and use linear approximation (U(T)=kT+b).
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Similar Part No. - PCB-DRIVER-51

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PCB-DRIVER-41 ROITHNER-PCB-DRIVER-41 Datasheet
779Kb / 6P
   led driver for mid-ir leds
More results

Similar Description - PCB-DRIVER-51

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PCB-DRIVER-41 ROITHNER-PCB-DRIVER-41 Datasheet
779Kb / 6P
   led driver for mid-ir leds
PCB-MDRIVER-P ROITHNER-PCB-MDRIVER-P Datasheet
822Kb / 4P
   LED Mini Driver For Mid-IR LEDs
PCB-MDRIVER-QCW ROITHNER-PCB-MDRIVER-QCW Datasheet
825Kb / 4P
   LED Mini Driver For Mid-IR LEDs
D-31M ROITHNER-D-31M Datasheet
486Kb / 7P
   Driver for MID-IR LEDs
LED23 ROITHNER-LED23 Datasheet
722Kb / 4P
   mid-ir led
LED23FC-SMD5 ROITHNER-LED23FC-SMD5 Datasheet
531Kb / 3P
   mid-ir led
LED38 ROITHNER-LED38 Datasheet
560Kb / 4P
   mid-ir led
LED23-SMD5 ROITHNER-LED23-SMD5 Datasheet
694Kb / 3P
   MID-IR LED
LED19-PR ROITHNER-LED19-PR Datasheet
554Kb / 3P
   mid-ir led
LED21 ROITHNER-LED21 Datasheet
558Kb / 3P
   mid-ir led
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com