Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3417A-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3417A-1
Description  Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417A-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3417A-1_15 Datasheet HTML 1Page - Linear Technology LTC3417A-1_15 Datasheet HTML 2Page - Linear Technology LTC3417A-1_15 Datasheet HTML 3Page - Linear Technology LTC3417A-1_15 Datasheet HTML 4Page - Linear Technology LTC3417A-1_15 Datasheet HTML 5Page - Linear Technology LTC3417A-1_15 Datasheet HTML 6Page - Linear Technology LTC3417A-1_15 Datasheet HTML 7Page - Linear Technology LTC3417A-1_15 Datasheet HTML 8Page - Linear Technology LTC3417A-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3417A-1
3
3417a1fa
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified (Note 2).
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB1, VFB2
Feedback Voltage
(Note 3)
l
0.784
0.8
0.816
V
ΔVLINEREG
Reference Voltage Line Regulation. %/V
is the Percentage Change in VOUT with a
Change in VIN
VIN = 2.25V to 5V (Note 3)
0.02
0.2
%/V
ΔVLOADREG
Output Voltage Load Regulation
ITH1, ITH2 = 0.36V (Note 3)
ITH1, ITH2 = 0.84V (Note 3)
0.02
–0.02
0.2
–0.2
%
%
gm(EA)
Error Amplifier Transconductance
ITH1, ITH2(PINLOAD) = ±5μA (Note 3)
1400
μS
IS
Input DC Supply Current (Note 4)
Active Mode
VFB1 = VFB2 = 0.75V, VSYNC/MODE = VIN,
VRUN1 = VRUN2 = VIN
400
600
μA
IS
Half Active Mode (VRUN2 = 0V, 1.5A Only) VFB1 = 0.75V, VSYNC/MODE = VIN, VRUN1 = VIN
260
400
μA
Half Active Mode (VRUN1 = 0V, 1A Only)
VFB2 = 0.75V, VSYNC/MODE = VIN, VRUN2 = VIN
260
400
μA
Both Channels in Sleep Mode
VFB1 = VFB2 = 1V, VSYNCMODE = VIN, VRUN1 =
VRUN2 = VIN
125
250
μA
Shutdown
VRUN1 = VRUN2 = 0V
0.01
1
μA
fOSC
Oscillator Frequency
VFREQ = VIN
VFREQ: RT = 143k
VFREQ: Resistor (Note 6)
1.2
0.85
1.5
1
1.8
1.25
4
MHz
MHz
MHz
ILIM1
Peak Switch Current Limit on SW1 (1.5A)
2.1
2.5
A
ILIM2
Peak Switch Current Limit on SW2 (1A)
1.4
1.7
A
RDS(ON)1
SW1 Top Switch On-Resistance (1.5A)
SW1 Bottom Switch On-Resistance
VIN1 = 3.6V (Note 5)
VIN1 = 3.6V (Note 5)
0.088
0.084
Ω
Ω
RDS(ON)2
SW2 Top Switch On-Resistance (1A)
SW2 Bottom Switch On-Resistance
VIN2 = 3.6V (Note 5)
VIN2 = 3.6V (Note 5)
0.16
0.15
Ω
Ω
ISW1(LKG)
Switch Leakage Current SW1 (1.5A)
VIN1 = 6V, VRUN1 = 0V
0.01
1
μA
ISW2(LKG)
Switch Leakage Current SW2 (1A)
VIN2 = 6V, VRUN2 = 0V
0.01
1
μA
VUVLO
Undervoltage Lockout Threshold
VIN1, VIN2 Ramping Down
VIN1, VIN2 Ramping Up
1.9
1.95
2.07
2.12
2.2
2.25
V
V
VTH(POR)
Power-On-Reset Threshold
Percentage Deviation of VFB Voltage from
Steady State Value (Typically 0.8V)
VFB1 or VFB2 Ramping Up
–6
%
VFB1 or VFB2 Ramping Down
–8
%
RPOR
Power-On-Reset Pull Down On-Resistance
120
300
Ω
tPOR
Power-On-Reset De-Assertion Delay from
Fault Removal
FREQ = VIN
212,992
Clock
Cycles
FREQ Tied to GND Through 143k Resistor
294,912
Clock
Cycles
VRUN1, VRUN2
RUN1, RUN2 Threshold
0.3
0.85
1.5
V
VPHASE
PHASE Threshold High-CMOS Levels
VIN –0.5
V
PHASE Threshold Low-CMOS Levels
0.5
V
IRUN1, IRUN2, IPHASE,
ISYNC/MODE
RUN1, RUN2, PHASE and SYNC/MODE
Leakage Current
VIN = 6V, Pin Under Test = 3V
±0.01
±1
μA
VTLSYNC/MODE
SYNC/MODE Threshold Voltage Low
0.5
V
VTHSYNC/MODE
SYNC/MODE Threshold Voltage High
VIN –0.5
V
VTHFREQ
FREQ Threshold Voltage High
VIN –0.5
V


Similar Part No. - LTC3417A-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417A-1 LINER-LTC3417A-1 Datasheet
350Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
More results

Similar Description - LTC3417A-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417A-1 LINER-LTC3417A-1 Datasheet
350Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2 Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com