Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2875 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2875
Description  60V Fault Protected 3.3V or 5V 25kV ESD High Speed CAN Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2875 Datasheet(HTML) 2 Page - Linear Technology

  LTC2875_15 Datasheet HTML 1Page - Linear Technology LTC2875_15 Datasheet HTML 2Page - Linear Technology LTC2875_15 Datasheet HTML 3Page - Linear Technology LTC2875_15 Datasheet HTML 4Page - Linear Technology LTC2875_15 Datasheet HTML 5Page - Linear Technology LTC2875_15 Datasheet HTML 6Page - Linear Technology LTC2875_15 Datasheet HTML 7Page - Linear Technology LTC2875_15 Datasheet HTML 8Page - Linear Technology LTC2875_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2875
2
2875f
For more information www.linear.com/LTC2875
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
VCC........................................................... –0.3V to 6V
Logic Input Voltages (TXD, RS) .................. –0.3V to 6V
Interface I/O: CANH, CANL, SPLIT ............. –60V to 60V
Receiver Output (RXD) .................–0.3V to (VCC + 0.3V)
Bus Differential Voltage (CANH-CANL) ...... –120V to 120V
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
RS
CANH
CANL
SPLIT
TXD
GND
VCC
RXD
S8 PACKAGE
8-LEAD (150mil) PLASTIC SO
TJMAX = 150°C, θJA = 120°C/W, θJC = 39°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
TXD
GND
VCC
RXD
RS
CANH
CANL
SPLIT
TJMAX = 150°C, θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 9) CONNECT TO PCB GND
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2875IDD#PBF
LTC2875IDD#TRPBF
LGKG
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2875HDD#PBF
LTC2875HDD#TRPBF
LGKG
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC2875MPDD#PBF
LTC2875MPDD#TRPBF
LGKG
8-Lead (3mm
× 3mm) Plastic DFN
–55°C to 125°C
LTC2875IS8#PBF
LTC2875IS8#TRPBF
2875
8-Lead (150 mil) Plastic SO
–40°C to 85°C
LTC2875HS8#PBF
LTC2875HS8#TRPBF
2875
8-Lead (150 mil) Plastic SO
–40°C to 125°C
LTC2875MPS8#PBF
LTC2875MPS8#TRPBF
2875
8-Lead (150 mil) Plastic SO
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Ambient Temperature Range (Note 4)
LTC2875I .............................................–40°C to 85°C
LTC2875H.......................................... –40°C to 125°C
LTC2875MP ....................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C


Similar Part No. - LTC2875_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2875 LINER-LTC2875 Datasheet
242Kb / 4P
   짹60V Fault Protected 3.3V or 5V High Speed CAN Transceiver
More results

Similar Description - LTC2875_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2875 LINER-LTC2875 Datasheet
242Kb / 4P
   짹60V Fault Protected 3.3V or 5V High Speed CAN Transceiver
logo
Maxim Integrated Produc...
MAX13054A MAXIM-MAX13054A Datasheet
574Kb / 14P
   5V, 2Mbps CAN Transceiver with ±65V Fault Protection, ±25V CMR, and ±25kV ESD
Rev 0; 11/17
MAX13053A MAXIM-MAX13053A Datasheet
574Kb / 14P
   5V, 2Mbps CAN Transceiver with ±65V Fault Protection, ±25V CMR, and ±25kV ESD
Rev 0; 11/17
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com