Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF3347 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LF3347
Description  High-Speed Image Filter with Coefficient RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3347 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LF3347 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DEVICES INCORPORATED
Video Imaging Products
LF3347
High-Speed Image Filter with Coefficient RAM
08/16/2000–LDS.3347-G
1
u
u
u
u
u 83 MHz Data Input and Compu-
tation Rate
u
u
u
u
u Four 12 x 12-bit Multipliers with
Individual Data and Coefficient
Inputs
u
u
u
u
u Four 256 x 12-bit Coefficient Banks
u
u
u
u
u 32-bit Accumulator
u
u
u
u
u Selectable 16-bit Data Output with
User-Defined Rounding and Limiting
u
u
u
u
u Two’s Complement Operands
u
u
u
u
u 3.3 Volt Power Supply
u
u
u
u
u 5 Volt Tolerant I/O
u
u
u
u
u 120-pin PQFP
FEATURES
DESCRIPTION
LF3347
High-Speed Image Filter with Coefficient RAM
DEVICES INCORPORATED
The LF3347 consists of an array of
four 12 x 12-bit registered multipliers
followed by two summers and a
32-bit accumulator. The LF3347
provides four 256 x 12-bit coefficient
banks which are capable of storing
256 different sets of filter coefficients
for the multiplier array. All multi-
plier data inputs are user accessible
and can be updated every clock cycle
with two’s complement data. The
pipelined architecture has fully
registered input and output ports and
an asynchronous three-state output
enable control to simplify the design
of complex systems.
A 32-bit accumulator allows cumula-
tive word growth which may be
internally rounded to 16-bits. Output
data is updated every clock cycle and
may be held under user control. The
data inputs/outputs and control
inputs are registered on the rising
edge of CLK. The Control/Coeffi-
cient Data Input, CC11-0, is registered
on the rising edge of CCCLK.
The LF3347 is ideal for performing
pixel interpolation in image manipu-
lation and filtering applications. The
LF3347 can perform a bilinear inter-
polation of an image (4-pixel kernels)
at real-time video rates when used
LF3347 BLOCK DIAGRAM
D111-0
12
12
ENB1
D211-0
12
12
ENB2
25
D311-0
12
12
ENB3
D411-0
12
12
ENB4
25
S15-0
ACC
OE
CLK
TO ALL REGISTERS
Coefficient
Bank 1
(256 x 12-bit)
Coefficient
Bank 2
(256 x 12-bit)
Coefficient
Bank 3
(256 x 12-bit)
Coefficient
Bank 4
(256 x 12-bit)
A7-0
8
ENBA
16
16
CC11-0
12
LD
Rounding
Selecting
Limiting
Circuit
Rounding/
Limiting
Registers
CCCLK
32
OCEN
466
NOTE: NUMBERS IN REGISTERS INDICATE
NUMBER OF PIPELINE DELAYS
3
2222
SHIFT4-0
LMTEN
SELLMT3-0
SELRND3-0
5
5
4
4
5
4
4
LF
INTERFACE


Similar Part No. - LF3347

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3304 LODEV-LF3304 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3304QC10 LODEV-LF3304QC10 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3304QC12 LODEV-LF3304QC12 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3304QC15 LODEV-LF3304QC15 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
More results

Similar Description - LF3347

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2247 LODEV-LF2247 Datasheet
259Kb / 10P
   Image Filter with Coefficient RAM
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
   HIGH-SPEED HIGH-SPEED STATIC RAM
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
logo
Hamamatsu Corporation
C10880-03C HAMAMATSU-C10880-03C_15 Datasheet
465Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9548 HAMAMATSU-C9548_15 Datasheet
397Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
logo
ON Semiconductor
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
logo
Hamamatsu Corporation
C9546 HAMAMATSU-C9546 Datasheet
386Kb / 8P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com