Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED690-03AU Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # LED690-03AU
Description  Infrared LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED690-03AU Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  LED690-03AU Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED690-03AU Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED690-03AU Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED690-03AU Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED690-03AU Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
05.06.2012
LED690-03AU
4 of 5
Outer Dimensions
Precaution for Use
1. Cautions
DO NOT look directly into the emitted light or look through the optical system. To prevent in adequate
exposure of the radiation, wear protective glasses
.
2. Lead Forming
When forming leads, the leads should be bent at a point at least 3 mm from the base of the lead. DO
NOT use the base of the leadframe as a fulcrum during lead forming.
Lead forming should be done before soldering.
DO NOT apply any bending stress to the base of the lead. The stress to the base may damage the
LED’s characteristics or it may break the LEDs.
When mounted the LEDs onto the printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads, it causes
deterioration of the lead and it will degrade the LEDs.
Recommended Land Layout (Unit: mm)


Similar Part No. - LED690-03AU

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED690-66-60 ROITHNER-LED690-66-60 Datasheet
117Kb / 1P
   High Power LED Array
More results

Similar Description - LED690-03AU

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com