Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF2301JC25 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # LF2301JC25
Description  Image Resampling Sequencer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301JC25 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

Back Button LF2301JC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 11Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 12Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-9
LF2301
Image Resampling Sequencer
08/16/2000–LDS.2301-H
Image Rotation & Bilinear Interpolation
Figure 8 shows an example of rotating
an image 30º and using bilinear
interpolation. This mode is selected by
loading M1-0 with “00” for a clockwise
spiral walk. A counterclockwise spiral
walk could be selected by loading M1-0
with “10.” Bilinear interpolation
requires a kernel size of 2 x 2 pixels.
Loading K3-0 with “0001” selects a
kernel size of 2 x 2. The first pixel
selected is determined by x0 and y0. In
this example, the first pixel is (0,0). In
this case, the LF2301s should address
consecutive pixels during each spiral
walk. For this to occur, FOV must be
set to 1 (F2-0 loaded with “001”).
After the last pixel of a spiral walk has
been selected, the next pixel address is
determined by adding dx/du to the
current X address and by adding
dy/du to the current Y address
(unless the kernel just completed was
the last for that line). At the end of the
first spiral walk, pixel (0,1) is ad-
dressed. Since the next calculated
pixel should be (0.866,0.5), dx/du is
selected to be 0.866 and dy/du is
selected to be 0.5. However, after
adding dx/du and dy/du to the X
and Y addresses respectively, the
generated address is (0.866,1.5). The Y
address is off by a value of 1. This is
due to the fact that the last pixel
address of a spiral walk is used to
calculate the first pixel address of
the next spiral walk. In order for the
LF2301s to generate the correct result,
dy/du must be modified by subtract-
ing a 1 from it. The correct value of
dy/du is -0.5. Figure 6 shows how the
unmodified differential terms were
calculated.
After the last pixel of the last spiral
walk on the first line has been selected,
the first pixel address of the second
line is determined by adding dx/dv to
x0 and by adding dy/dv to y0. Since
the first calculated pixel of the first
TABLE 7. PARAMETER REGISTERS
ADDR
Row (HEX) Column (HEX)
0000
000
000
0001
FFF
FFF
0010
000
000
0011
000
100
0100
DDB
800
0101
100
1FF
0110
800
DDB
0111
1FF
100
1000
000
000
1001
000
000
1010
000
000
1011
000
000
1100
000
000
1101
000
000
1110
000
000
1111
002
002
spiral walk on the second line should
be (-0.5,0.866), dx/dv is selected to
be -0.5 and dy/dv is selected to be
0.866. Second order differential terms
are not used in this transform and are
therefore set to 0.
It is important to note that the integer
portion of the address generated in
the LF2301 is used as the X or Y
pixel address. The fractional portion
(sub-pixel portion) is used as the
coefficient RAM address.
UMIN and VMIN are both selected to
be 0. UMAX and VMAX are both
selected to be 2. Table 7 shows the
values loaded into all Parameter
Registers. Table 8 shows the ITS
outputs for this example.
30
º
length
=1
dx
dv
dx
du
dy
du
dy
dv
y
x
v
u
calculated pixels
source image pixels
FIGURE 7. 30
°°°°° IMAGE ROTATION
1,2
34
5
0123
1
2
3
4
1 = 1st pixel of 1st spiral walk,
calculated pixels
0
-1
source image pixels
2 = 1st pixel of 2nd spiral walk, etc.
FIGURE 8. 30
°°°°° IMAGE ROTATION
FIGURE 6. DIFFERENTIAL TERMS
dx
du
dx
dv
= cos 30
º
dy
du
dy
dv
=
=
=
= 0.866
sin 30
º = 0.5
–sin 30
º= –0.5
cos 30
º = 0.866


Similar Part No. - LF2301JC25

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
logo
List of Unclassifed Man...
LF230VD ETC2-LF230VD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LF230VM ETC2-LF230VM Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Similar Description - LF2301JC25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
   Image Manipulation Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com